Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPC14603022258 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # DCPC14603022258
Description  Two Channel Pump Combiner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DCPC14603022258 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  DCPC14603022258 Datasheet HTML 1Page - OPLINK Communications Inc. DCPC14603022258 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Performance Specifications
Two Channel Pump Combiner (1480)
Features
Low Insertion Loss
High Stability & Reliability
Wide Operating
Temperature Range
Applications
Double Pumping
DCPC Series
Oplink’s 1480 nm two-channel pump combiner aremanufactured using the proven
fused biconical taper technology and Oplink’s stringent quality procedures. With low
insertion loss, this device is ideal for combining two pump sources near 1480 nm in
optical fiber amplifiers.
Oplink can provide customized designs to meet specialized feature applications. Also,
Oplink offers modular assemblies that integrate other components to form a full
function module or subsystem.
Oplink Communications, Inc.
R1.20070727
TWO-CHANNEL PUMP COMBINER
DCPC Series
2 x 1
Unit
Configuration
Wavelength Range
1400 - 1500
nm
Channel Spacing
10 ~ 30
nm
Maximum Insertion Loss @ Central Wavelength ±1nm
< 0.6
dB
Polarization Dependent Loss
< 0.2
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Return Loss
> 55
dB
Operating Temperature
-10 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimension*
P1: 250 µm SMF-28 bare fiber
mm
P2: 900 µm loose tube
P3: 3mm cable
(L)96 x (W) 12 x (H) 6.4
*
The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
(ø) 4.0 x (L) 75
(ø) 4.0 x (L) 80
L
Ø
Port In
Port Out 1
Port Out 2


Similar Part No. - DCPC14603022258

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DCPC14603022251 OPLINK-DCPC14603022251 Datasheet
284Kb / 2P
   Two Channel Pump Combiner
DCPC14603022252 OPLINK-DCPC14603022252 Datasheet
284Kb / 2P
   Two Channel Pump Combiner
DCPC14603022253 OPLINK-DCPC14603022253 Datasheet
284Kb / 2P
   Two Channel Pump Combiner
DCPC14603022254 OPLINK-DCPC14603022254 Datasheet
284Kb / 2P
   Two Channel Pump Combiner
More results

Similar Description - DCPC14603022258

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DCPC OPLINK-DCPC Datasheet
284Kb / 2P
   Two Channel Pump Combiner
DCPC-S0155 OPLINK-DCPC-S0155 Datasheet
284Kb / 2P
   Two Channel Pump Combiner
QCPC OPLINK-QCPC Datasheet
289Kb / 2P
   Four Channel Pump Combiner
QCPC14AB064 OPLINK-QCPC14AB064 Datasheet
171Kb / 2P
   Four-Channel Pump Combiner
QCPC-S0165 OPLINK-QCPC-S0165 Datasheet
289Kb / 2P
   Four Channel Pump Combiner
logo
Finisar Corporation.
1012200 FINISAR-1012200 Datasheet
43Kb / 1P
   14XX Pump-Pump Combiner
1012199 FINISAR-1012199 Datasheet
42Kb / 1P
   14XX/C-Band Pump-Signal Combiner
1016695 FINISAR-1016695 Datasheet
116Kb / 1P
   14XX/CL Band Pump-Signal Combiner
logo
Skyworks Solutions Inc.
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
   Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
   Two-Way Power Splitter Combiner 1.42-1.66 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com