Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7757IPK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL7757IPK
Description  SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7757IPK Datasheet(HTML) 1 Page - Texas Instruments

  TL7757IPK Datasheet HTML 1Page - Texas Instruments TL7757IPK Datasheet HTML 2Page - Texas Instruments TL7757IPK Datasheet HTML 3Page - Texas Instruments TL7757IPK Datasheet HTML 4Page - Texas Instruments TL7757IPK Datasheet HTML 5Page - Texas Instruments TL7757IPK Datasheet HTML 6Page - Texas Instruments TL7757IPK Datasheet HTML 7Page - Texas Instruments TL7757IPK Datasheet HTML 8Page - Texas Instruments TL7757IPK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL7757
SUPPLY-VOLTAGE SUPERVISOR
AND PRECISION VOLTAGE DETECTOR
SLVS041E – SEPTEMBER 1991 – REVISED JULY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power-On Reset Generator
D Automatic Reset Generation After Voltage
Drop
D Low Standby Current ...20 µA
D Reset Output Defined When VCC
Exceeds 1 V
D Complementary Reset Output
D True and Complementary Reset Outputs
D Precision Threshold Voltage
4.55 V
±120 mV
D High Output Sink Capability ...20 mA
D Comparator Hysteresis Prevents Erratic
Resets
description
The TL7757 is a supply-voltage supervisor
designed
for
use
in
microcomputer
and
microprocessor
systems.
The
supervisor
monitors the supply voltage for undervoltage
conditions. During power up, when the supply
voltage, VCC, attains a value approaching 1 V, the
RESET output becomes active (low) to prevent
undefined operation. If the supply voltage drops
below threshold voltage level (VIT–), the RESET
output goes to the active (low) level until the
supply undervoltage fault condition is eliminated.
The TL7757C is characterized for operation from
0
°C to 70°C. The TL7757I is characterized for
operation from –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM
TA
SMALL OUTLINE
(D)
TO-226AA
(LP)
SOT-89
(PK)
CHIP FORM
(Y)
0
°C to 70°C
TL7757CD
TL7757CLP
TL7757CPK
TL7757Y
–40
°C to 85°C
TL7757ID
TL7757ILP
TL7757IPK
TL7757Y
D and LP packages are available taped and reeled. Add the suffix R to device type (e.g.,
TL7757CDR). Chip forms are tested at 25
°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D PACKAGE
(TOP VIEW)
NC –No internal connection
1
2
3
4
8
7
6
5
RESET
VCC
NC
GND
NC
NC
NC
NC
GND
VCC
RESET
LP PACKAGE
(TOP VIEW)
PK PACKAGE
(TOP VIEW)
GND is in electrical contact with the tab.
VCC
RESET
GND


Similar Part No. - TL7757IPK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7757IPK TI-TL7757IPK Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TL7757IPK TI1-TL7757IPK Datasheet
578Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
TL7757IPKG3 TI-TL7757IPKG3 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TL7757IPKG3 TI1-TL7757IPKG3 Datasheet
578Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
More results

Similar Description - TL7757IPK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7757 TI1-TL7757_14 Datasheet
578Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
logo
AiT Semiconductor Inc.
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
   SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
AiT Semiconductor Inc.
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com