Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVOA1550T0031H6 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MVOA1550T0031H6
Description  Mini Mechanical Variable Optical Attenuator Through Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MVOA1550T0031H6 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MVOA1550T0031H6 Datasheet HTML 1Page - OPLINK Communications Inc. MVOA1550T0031H6 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Notes:
1)
Not include connector RL
2)
The maximum IL is under all states of polarization and within the full operating temperature and wave-
length ranges specified.
Parameter
Single Window
Dual Window
Unit
Operating Wavelength Range
1310±20 or 1550±50
1310±20 and 1550±50
nm
Excess Insertion Loss [1]
≤ 0.6
≤ 1.0
dB
Attenuation Range
0.6 ~ 30
1.0 ~ 30
dB
Wavelength Dependent Loss
≤ 0.20
≤ 0.30
dB
Temperature Dependent Loss
≤ 0.20
dB
Polarization Dependent Loss
≤ 0.15
dB
Resolution
≤ 0.10
dB
Return Loss [1]
≥ 45
dB
Operating Power
≤ 300
mW
Operating Temperature Range
0 to +70
°C
Storage Temperature Range
-40 to +85
°C
Fiber Type
Corning SMF-28
Package Dimensions
(P3)
60.0 (L) × 16.0 (W) × 8.0 (H)
mm
Performance Specificationns
R05.20081015
Mini Mechanical Variable Optical
Attenuator Through Type (MVOA-T3)
MVOA-T3 Series
Oplink’s Mini ManualVariable Optical Attenuator (MVOA-T3) uses a neutral den-
sity filter to attenuate light. It features high resolution, a wide dynamic range, and
convenient manual adjustment. It has low insertion loss, low wavelength depen-
dent loss, and low polarization dependent loss. It is designed for pre-emphasis
attenuation, detector saturation control, in-line power equalization and amplifier
power control.
Oplink can provide customized designs to meet specialized feature applications.
Also, Oplink offers modular assemblies that integrate other components to form
a full function module or subsystem.
Low Insertion Loss
Wide Attenuation Range
Low Back Reflection
Dual Windows
Low Wavelength and Polarization
Dependent Loss (WDL / PDL)
In-line Power Control in Multi-channel
Optically Amplified System
Transmitter Power Equalization
Laboratory R&D


Similar Part No. - MVOA1550T0031H6

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MVOA1550T0031H1 OPLINK-MVOA1550T0031H1 Datasheet
202Kb / 2P
   Attenuator Through Type
MVOA1550T0031H2 OPLINK-MVOA1550T0031H2 Datasheet
202Kb / 2P
   Attenuator Through Type
MVOA1550T0031H3 OPLINK-MVOA1550T0031H3 Datasheet
202Kb / 2P
   Attenuator Through Type
More results

Similar Description - MVOA1550T0031H6

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MVOAT-S0025 OPLINK-MVOAT-S0025 Datasheet
202Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOA1310R0021H1 OPLINK-MVOA1310R0021H1 Datasheet
210Kb / 2P
   Mechanical Variable Optical Attenuator Reflection Type
UVOA OPLINK-UVOA Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
UVOA-S0175 OPLINK-UVOA-S0175 Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
logo
JDS Uniphase Corporatio...
ESVOA-OC620 JDSU-ESVOA-OC620 Datasheet
165Kb / 3P
   Electrostatic MEMS Variable Optical Attenuator
logo
OPLINK Communications I...
MVOAT OPLINK-MVOAT Datasheet
202Kb / 2P
   Attenuator Through Type
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103 Datasheet
185Kb / 3P
   Variable attenuator
VA102 RFHIC-VA102 Datasheet
189Kb / 3P
   Variable attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com