Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN2M Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # GN2M
Description  GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

GN2M Datasheet(HTML) 1 Page - SynSemi, Inc.

  GN2M Datasheet HTML 1Page - SynSemi, Inc. GN2M Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GN2A - GN2M
GLASS PASSIVATED JUNCTION
SILICON SURFACE MOUNT
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* Glass passivated chip
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : SMB Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.1079 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL GN2A
GN2B
GN2D
GN2G
GN2J
GN2K
GN2M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Ta = 50
°C
IF(AV)
2.0
A
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 2.0 Amps.
VF
1.0
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Junction Capacitance (Note1)
CJ
75
pF
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Note :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
IFSM
50
A
0.22
± 0.07
2.0
± 0.1
2.3
± 0.2
3.6
± 0.15
SMB (DO-214AA)
1.1
± 0.3
Dimensions in millimeter
* Pb / RoHS Free


Similar Part No. - GN2M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GN2M EIC-GN2M Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN2M EIC-GN2M Datasheet
48Kb / 2P
   GLASS PASSIVATED JUNCTION
More results

Similar Description - GN2M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GN1A EIC-GN1A Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN3A EIC-GN3A Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
SynSemi, Inc.
GN1A SYNSEMI-GN1A Datasheet
38Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GNOA SYNSEMI-GNOA Datasheet
38Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
Shenzhen Luguang Electr...
GF1A LUGUANG-GF1A Datasheet
1Mb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
EIC discrete Semiconduc...
SMN1A EIC-SMN1A Datasheet
107Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN2A EIC-GN2A Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GNOA EIC-GNOA Datasheet
38Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
PRLL4001 EIC-PRLL4001 Datasheet
116Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
PRLL4001A EIC-PRLL4001A Datasheet
107Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com