Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDMGCR00002259 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MWDMGCR00002259
Description  C Band Red/Blue Pass Micro-Optic WDM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MWDMGCR00002259 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MWDMGCR00002259 Datasheet HTML 1Page - OPLINK Communications Inc. MWDMGCR00002259 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
Note:
* Values are referenced without connector loss.
** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom
specified.
*** The maximum IL is under all states of polarization and within the full operating temperature and
wavelength ranges specified.
MWDMGCR/CB Series
Min
Typical
Max
Unit
Pass Channel Wavelength Range λ1
Type CR
1547.4
1561.0
nm
Type CB
1530.0
1543.2
nm
Reflection Channel Wavelength
Range λ2
Type CR
1530.0
1543.2
nm
Type CB
1547.4
1561.0
nm
Insertion Loss *
Pass Channel @ λ1
Reflect Channel @ λ2
0.8
0.5
dB
Isolation
Reflect Channel @ λ1
Pass Channel @ λ2
12
20
dB
Passband Ripple
0.30
dB
Directivity
50
dB
Return Loss
50
dB
Polarization Dependent Loss
0.1
dB
Polarization Mode Dispersion
0.05
ps
Maximum Power Handling
500
mW
Fiber Type
Corning SMF-28
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimensions **
250 μm Bare Fiber
900 μm Loose Tube
P1: (ø) 5.5 x (L) 34.0
P2: (ø) 5.5 x (L) 40.0
mm
R03.20081118
Green C Band Red/Blue Pass Micro-Optic WDM
MWDMGCR/CB Series
Oplink’s Micro-Optic Wavelength Division Multiplexer (MWDM) is based on
thin-film filter technology and patented athermal platform for optical device.
This device offers flat and wide passband, low insertion loss, and high isolation,
which make this device ideal for high-power Optical Amplification Systems and
DWDM Network applications. Oplink MWDM devices are Bellcore GR-1221
qualification tested and complied with industry green initiatives such as Rohs
and WEEE. All Oplink products are epoxy-free in the optical path.
Environmental Green Plan
Compliance
Wide Operating Wavelength Range
Low Insertion Loss
High Channel Isolation
Ultra Flat Wide Passband
Highly Stable & Reliable
Epoxy-free Optical Path
Fiberoptic Amplifiers
System Monitoring
Fiberoptic Instruments
Laboratory R&D


Similar Part No. - MWDMGCR00002259

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGCR OPLINK-MWDMGCR Datasheet
286Kb / 2P
   Micro-Optic WDM
More results

Similar Description - MWDMGCR00002259

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGLR000011H OPLINK-MWDMGLR000011H Datasheet
279Kb / 2P
   L Band Red/Blue Pass Micro-Optic WDM
MWDMGCL-S0031 OPLINK-MWDMGCL-S0031 Datasheet
285Kb / 2P
   Green C Band/L Band Micro-Optic WDM
MWDMGCSU00011H OPLINK-MWDMGCSU00011H Datasheet
278Kb / 2P
   C Band Supervisory Channel Micro-Optic WDM
MWDMGCSU-S0032 OPLINK-MWDMGCSU-S0032 Datasheet
143Kb / 2P
   Green C Band Supervisory Channel Micro-Optic WDM
MWDMG15981000H1 OPLINK-MWDMG15981000H1 Datasheet
278Kb / 2P
   Micro-Optic WDM
MWDMGLSU00011H1 OPLINK-MWDMGLSU00011H1 Datasheet
280Kb / 2P
   L Band Supervisory Channel Micro-Optic WDM
MWDMG1598 OPLINK-MWDMG1598 Datasheet
284Kb / 2P
   Micro-Optic WDM
MWDMGCR OPLINK-MWDMGCR Datasheet
286Kb / 2P
   Micro-Optic WDM
MWDMGCSU OPLINK-MWDMGCSU Datasheet
143Kb / 2P
   Micro-Optic WDM
MWDMGLSU OPLINK-MWDMGLSU Datasheet
184Kb / 2P
    Micro-Optic WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com