Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR5403 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SR5403
Description  303.825 MHz One Port SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SR5403 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SR5403 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SR5403 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
303.825 MHz One Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
SR5403
Ideal for 303.825 MHz Transmitters
Very Low Insertion Loss
Quartz Stability
Ultra Miniature Ceramic SMD Package (QCC4A)
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
CW RF Power Dissipation
P
0
dBm
DC Voltage
VDC
±30
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Frequency (25
°C)
Nominal Frequency
Tolerance from 303.825 MHz
fc
f
c
NS
-
303.825
-
NS
± 75
MHz
KHz
Insertion Loss
IL
-
1.2
1.8
dB
Quality Factor
Unloaded Q-Value
50
Ω Loaded Q-Value
Qu
Q
L
-
-
14,950
1,950
-
-
-
-
Temperature Stability
Turnover Temperature
Turnover Frequency
Frequency Temperature Coefficient
To
fo
FTC
25
-
-
-
fc
0.032
55
-
-
°C
KHz
ppm/
°C2
Frequency Aging
Absolute Value during the First Year
|f
A|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
RF Equivalent RLC Model
Motional Resistance
Motional Inductance
Motional Capacitance
Shunt Static Capacitance
R
M
L
M
C
M
Co
-
-
-
2.25
15
117.5302
2.3371
2.55
23
-
-
2.85
µH
fF
pF
NS = Not Specified
Note:
1.
The frequency fc is the frequency of minimum IL with the resonator
in the specified test fixture in a 50
Ω test system with VSWR ≤ 1.2:1.
2.
Unless noted otherwise, case temperature TC = +25°C±2°C.
3.
Frequency aging is the change in fC with time and is specified at
+65°C or less. Aging may exceed the specification for prolonged
temperatures above +65°C. Typically, aging is greatest the first year
after manufacture, decreasing in subsequent years.
4.
Turnover temperature, T0, is the temperature of maximum (or
turnover) frequency, f0. The nominal frequency at any case
temperature, TC, may be calculated from: f = fo [1 - FTC (TO - TC)
2].
5.
This equivalent RLC model approximates resonator performance
near the resonant frequency and is provided for reference only. The
capacitance CO is the measured static (nonmotional) capacitance
between input terminal and ground or output terminal and ground.
The measurement includes case parasitic capacitance.
6.
Derived mathematically from one or more of the following directly
measured parameters: fc, IL, 3 dB bandwidth, fC versus TC, and Co.
7.
The specifications of this device are based on the test circuit shown
above and subject to change or obsolescence without notice.
8.
Typically, equipment utilizing this device requires emissions testing
and government approval, which is the responsibility of the
equipment manufacturer.
9.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
10. For questions on technology, prices and delivery, please contact our
sales offices or e-mail to sales@vanlong.com.
SR5403


Similar Part No. - SR5403

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR540 DGNJDZ-SR540 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR540 WTE-SR540 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SR540 YIXIN-SR540 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR540 JINANJINGHENG-SR540 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
RFE international
SR540 RFE-SR540 Datasheet
1Mb / 3P
   Schottky Barrier Rectifiers
10-26-2022
More results

Similar Description - SR5403

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR303 VANLONG-SR303 Datasheet
91Kb / 2P
   303.825 MHz One-Port SAW Resonator
SR5405 VANLONG-SR5405 Datasheet
92Kb / 2P
   303.825 MHz One Port SAW Resonator
logo
Abracon Corporation
ASR303.825E ABRACON-ASR303.825E Datasheet
682Kb / 1P
   SMD ONE PORT 303.825 MHz SAW RESONATOR
logo
Murata Manufacturing Co...
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0541A TAI-SAW-TC0541A Datasheet
386Kb / 6P
   SAW Resonator 303.825 MHz
logo
RF Monolithics, Inc
RO2104 RFM-RO2104 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104 MURATA-RO3104 Datasheet
195Kb / 2P
   303.825 MHz SAW Resonator
RO3112 MURATA-RO3112 Datasheet
142Kb / 2P
   303.825 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2104-1 RFM-RO2104-1 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
RO2104A RFM-RO2104A Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com