Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC139N Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC139N
Description  LinCMOSE MICROPOWER QUAD COMPARATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC139N Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC139N Datasheet HTML 6Page - Texas Instruments TLC139N Datasheet HTML 7Page - Texas Instruments TLC139N Datasheet HTML 8Page - Texas Instruments TLC139N Datasheet HTML 9Page - Texas Instruments TLC139N Datasheet HTML 10Page - Texas Instruments TLC139N Datasheet HTML 11Page - Texas Instruments TLC139N Datasheet HTML 12Page - Texas Instruments TLC139N Datasheet HTML 13Page - Texas Instruments TLC139N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLC139, TLC339, TLC339Q
LinCMOS
™ MICROPOWER QUAD COMPARATORS
SLCS119 – DECEMBER 1986 – REVISED JANUARY 1991
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
4
IIB
Input bias current
vs Free-air temperature
5
CMRR
Common-mode rejection ratio
vs Free-air temperature
6
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
7
IOH
High level output current
vs High-level output voltage
8
IOH
High-level output current
gg
vs Free-air temperature
9
VOL
Low level output voltage
vs Low-level output current
10
VOL
Low-level output voltage
vs Free-air temperature
11
IDD
Supply current
vs Supply voltage
12
IDD
Supply current
yg
vs Free-air temperature
13
tPLH
Low-to-high level output propagation delay time
vs Supply voltage
14
tPHL
Low-to-high level output propagation delay time
vs Supply voltage
15
Overdrive voltage
vs Low-to-high-level output propagation delay time
16
tf
Output fall time
vs Supply voltage
17
Overdrive voltage
vs High-to-low-level output propagation delay time
18


Similar Part No. - TLC139N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC139 TI-TLC139 Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
TLC139MFKB TI-TLC139MFKB Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
TLC139MJ TI-TLC139MJ Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
TLC139MJB TI-TLC139MJB Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
More results

Similar Description - TLC139N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC339IPW TI-TLC339IPW Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
   3V MICROPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
TS339 STMICROELECTRONICS-TS339_05 Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com