Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC193M Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC193M
Description  DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC193M Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC193M Datasheet HTML 7Page - Texas Instruments TLC193M Datasheet HTML 8Page - Texas Instruments TLC193M Datasheet HTML 9Page - Texas Instruments TLC193M Datasheet HTML 10Page - Texas Instruments TLC193M Datasheet HTML 11Page - Texas Instruments TLC193M Datasheet HTML 12Page - Texas Instruments TLC193M Datasheet HTML 13Page - Texas Instruments TLC193M Datasheet HTML 14Page - Texas Instruments TLC193M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATOR
SLCS115D – DECEMBER 1986 – REVISED JANUARY 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
TA – Free-Air Temperature – °C
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
90
89
88
87
86
85
84
83
82
81
80
VDD = 5 V
Figure 7
TA – Free-Air Temperature – °C
SUPPLY VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
90
89
88
87
86
85
84
83
82
81
80
VDD = 5 V to 10 V
Figure 8
IOL – Low-Level Output Current – mA
0
2
4
6
8
1012
14
1618
20
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
4 V
10 V
VDD = 16 V
5 V
1.5
1.25
1
0.75
0.5
0.25
0
TA = 25°C
VDD = 3 V
Figure 9
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
600
500
400
300
200
100
0
VDD = 5 V
IOL = 6 mA
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - TLC193M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC193MFKB TI1-TLC193MFKB Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193MJGB TI1-TLC193MJGB Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193MJGB TI-TLC193MJGB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results

Similar Description - TLC193M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702 TI-TLC3702 Datasheet
383Kb / 26P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC352 TI-TLC352 Datasheet
140Kb / 9P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
TLC352 TI1-TLC352_16 Datasheet
1Mb / 18P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
Texas Instruments
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702-EP TI1-TLC3702-EP_14 Datasheet
964Kb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
Texas Instruments
TLC193 TI-TLC193_V01 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com