Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2E Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # SE2E
Description  SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

SE2E Datasheet(HTML) 2 Page - SynSemi, Inc.

  SE2E Datasheet HTML 1Page - SynSemi, Inc. SE2E Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SE2A - SE2M )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : January 10, 2004
60Hz RESISTIVE OR INDUCTIVE LOAD
2.0
1.5
1.0
0.5
2.5
100
10
1.0
80
0
100
0
60
40
20
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse W idth = 300
µs
2% Duty Cycle
8.3 ms SINGLE HALF SINE
Ta = 50
°C
SE2A - SE2G
SE2J - SE2M
D.U.T.
OSCILLOSCOPE
( NOTE 1 )
1
50
10
50 Vdc
(approx)
PULSE
GENERATOR
( NOTE 2 )
Trr
+ 0.5
0
- 0.25
- 1.0 A
1
SET TIME BASE FOR 25-35 ns/cm


Similar Part No. - SE2E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SE2E GOOD-ARK-SE2E Datasheet
148Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SE2E SEMTECH_ELEC-SE2E Datasheet
177Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
EIC discrete Semiconduc...
SE2E EIC-SE2E Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
More results

Similar Description - SE2E

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2A TSC-HS2A_14 Datasheet
366Kb / 4P
   High Efficient Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
HS2AA TAYCHIPST-HS2AA Datasheet
5Mb / 2P
   High Efficient Surface Mount Rectifiers
logo
EIC discrete Semiconduc...
SME1A EIC-SME1A Datasheet
77Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SETA EIC-SETA_05 Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SynSemi, Inc.
SE5A SYNSEMI-SE5A Datasheet
50Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SE2A SEMTECH_ELEC-SE2A Datasheet
177Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
BYG23M TSC-BYG23M_14 Datasheet
382Kb / 4P
   High Efficient Surface Mount Rectifiers
logo
EIC discrete Semiconduc...
SEOA EIC-SEOA Datasheet
48Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SEOA EIC-SEOA_05 Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA_14 Datasheet
376Kb / 4P
   High Efficient Surface Mount Rectifiers
US1A TSC-US1A_14 Datasheet
227Kb / 4P
   High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com