Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTAC Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # ZTAC
Description  MHz-Band Ceramic Resonator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

ZTAC Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  ZTAC Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Ceramic Resonator
Phone: +86 (10) 5820-3910
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2007 by Vanlong Technology Co., Ltd.
ZTAC Series
ZTAC Series MHz-Band Ceramic Resonator
ZTAC SMD series ceramic resonators are widely used in
telecommunication, cable, radar, TV set, tape recorder, video
camera and other electronic products due to its lower price
and stable performances.
High stability of resonant frequency
Comprises fixed, tuned, solid-state devices
Miniature and light weight, simple construction
Excellent shock resistance performance
Non-adjustment of oscillator is possible
Specifications:
ZTAC Series
Frequency Range:
ZTACC_MG Series:
2.00MHz ~ 7.99MHz
ZTACR_MG Series:
4.00MHz ~ 7.99MHz
ZTACE_MG Series:
8.00MHz ~ 12.00MHz
ZTACV_MT Series:
8.00MHz ~ 12.00MHz
ZTACV_MX Series:
12.01MHz ~ 50.00MHz
ZTACS_MT Series:
8.00MHz ~ 12.00MHz
ZTACS_MX Series:
12.01MHz ~ 50.00MHz
ZTACW_MX Series:
16.93MHz ~ 50.00MHz
All dimensions are in mm
Operating Temperature:
-20
°C ~ +80°C
Storage Temperature:
-40
°C ~ +85°C
Frequency Tolerance(at 25
°C):
± 0.5%
Frequency Stability(over temp. range):
± 0.5%
Ageing for 10 Years:
± 0.3%
Resonant Resistance:
Maximum resistance corresponds
to frequency. Please see RR table.
Withstanding Voltage:
100VDC
Insulation Resistance:
500M
Ω min at 10VDC
Optional Features:
Tape & Reel
Note:
1.
Other frequencies, tolerances, stabilities, and operating temperature ranges
available. Consult VTC Support for specific requirements.
2.
Not all combinations of the above tolerances, stabilities, and temperature ranges
are available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Ordering Information
Product name + Frequency + Other
Specification Code.
i.e. ZTACC4.00MG
ZTAC
ZTACC/ZTACR/ZTACE
ZTACV/ZTACS/ZTACW
Code
L
W
H
P1
P2
ZTACC
7.2
3.0
1.6±0.2
5.0
1.3
ZTACR
4.5
2.0
1.2±0.2
3.0
0.8
ZTACE
3.2
1.3
0.7±0.2
2.4
0.4
ZTACV
3.7
3.1
1.4±0.2
3.0
0.7
ZTACS
4.7
4.1
1.3±0.2
3.7
1.0
ZTACW
2.5
2.0
1.3±0.2
2.0
0.5


Similar Part No. - ZTAC

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ZTAC ECM-ZTAC Datasheet
95Kb / 1P
   Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTAC ETC2-ZTAC Datasheet
47Kb / 1P
   2.00MHz to 8.00MHz
logo
auris-GmbH
ZTACC AURIS-ZTACC Datasheet
125Kb / 1P
   Resonator SMD, 2 Pin
logo
List of Unclassifed Man...
ZTACC ETC2-ZTACC Datasheet
148Kb / 1P
   CERAMIC RESONATOR
logo
EUROQUARTZ limited
ZTACC EUROQUARTZ-ZTACC Datasheet
77Kb / 1P
   CERAMIC RESONATORS
More results

Similar Description - ZTAC

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
ZTA VANLONG-ZTA Datasheet
36Kb / 1P
   MHz-Band Ceramic Resonator
ZTTC VANLONG-ZTTC Datasheet
41Kb / 1P
   MHz-Band Ceramic Resonator
ZTT VANLONG-ZTT Datasheet
38Kb / 1P
   MHz-Band Ceramic Resonator
ZTB VANLONG-ZTB Datasheet
24Kb / 1P
   KHz-Band Ceramic Resonator
logo
Transko Electronics, In...
LTT TRANSKO-LTT Datasheet
371Kb / 1P
   CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
LT_LTS TRANSKO-LT_LTS Datasheet
370Kb / 1P
   CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
KEC(Korea Electronics)
PBRV-H KEC-PBRV-H Datasheet
107Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
EPCOS
R901 EPCOS-R901 Datasheet
36Kb / 4P
   Resonator 315,00 MHz
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com