Electronic Components Datasheet Search |
|
OFMS1200E01112 Datasheet(PDF) 1 Page - OPLINK Communications Inc. |
|
OFMS1200E01112 Datasheet(HTML) 1 Page - OPLINK Communications Inc. |
1 / 2 page Product Description Features Applications Compliance Performance Specificationns Notes: 1) 23°C over operating wavelength range and all SOP. 2) Excluding connectors. 3) P2 package option is for pigtail fiber with 900 μm loose tube. Parameters Min Typ. Max Unit Operating Wavelength Range (λ Op) 1260 ~ 1360 and/or 1510 ~ 1610 nm Insertion Loss 1, 2 Single Win- dow 1x1, 1x2 < 0.5 dB 2x2AD < 0.6 Dual Window < 0.8 Wavelength Dependent Loss (within each window) Single Window < 0.15 dB Dual Window < 0.25 Temperature Dependent Loss < 0.2 dB Polarization Dependent Loss < 0.1 dB Return Loss 2 > 55 dB Channel Cross-talk > 60 dB Repeatability ±0.02 dB Switching Speed < 10 ms Operating Current Latching 75 115 mA Non-latching 28 43 Operating Voltage Latching 3.5 4.5 VDC Non-latching 4.5 5.5 Durability 10 7 cycle Operating Power Handling 500 mW Operating Temperature (T Op) 0 70 °C Storage Temperature -40 80 °C Switch Relay Type Latching or Non-latching Fiber Type Corning SMF-28 Dimension 3 Bare Fiber Pigtail P1: 41.5 (L) x 15.5 (W) x 9.0 (H) mm 900μm Loose Tube Pigtail P2: 44 (L) x 15.5 (W) x 9.0 (H) mm R03.20090528 OFMS Series Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches OFMSSM Series Oplink’s OFMS series optical fiber switches offer industry leading performance specifications with Telcordia compliant reliability. These switches are designed for use in re-configurable optical add/drop multiplexers, optical cross-connect systems, and network switching for fault protection applications. These patented opto-mechanical switches can be directly mounted on printed circuit boards and feature less than 0.35dB typical insertion loss. Oplink’s unique prism design improves the switch repeatability and stability. The OFMS switches are GR-1221 and GR-1073 qualified. Oplink provides customized design to meet special control and applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem. Telcordia qualified 1x1, 1x2 and 2x2 (Add/Drop) Compact Size Low Insertion Loss Seam-seal Package Latching or Non-latching Configurations Highly Stable & Reliable Network Switching Configurable Add/Drop Network Protection and Restoration Instrumentation, Testing and Measurement Telcordia GR-1221 and GR-1073 |
Similar Part No. - OFMS1200E01112 |
|
Similar Description - OFMS1200E01112 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |