Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125-GC6NLT1 Datasheet(PDF) 4 Page - MTU Onsite Energy Corporation

Part # 125-GC6NLT1
Description  GAS Engine-Generator Set
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

125-GC6NLT1 Datasheet(HTML) 4 Page - MTU Onsite Energy Corporation

  125-GC6NLT1 Datasheet HTML 1Page - MTU Onsite Energy Corporation 125-GC6NLT1 Datasheet HTML 2Page - MTU Onsite Energy Corporation 125-GC6NLT1 Datasheet HTML 3Page - MTU Onsite Energy Corporation 125-GC6NLT1 Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
/// /
125-gC6nLt1
// tognum group Companies: Europe / middle East / Africa / Latin America / MTU Onsite Energy / 88040 Friedrichshafen / Germany / Phone + 49 7541 90 7060 /
Fax +49 7541 90 7084 / powergenregion1@mtu-online.com
// Asia / Australia / Pacific / MTU Onsite Energy / 1, Benoi Place / Singapore 629923 / Republic of Singapore /
Phone + 65 6861 5922 / Fax + 65 6861 3615 / powergenregion2@mtu-online.com
// uSA / Canada / mexico / MTU Onsite Energy / 100 Power Drive / Mankato, Minnesota
56001 / USA / Phone + 1 507 625 7973 / Fax + 1 507 625 2968 / powergenregion3@mtu-online.com
// Worldwide for Hotmodule / MTU Onsite Energy / 81663 Munich /
Germany / Phone + 49 89 203042 800 / Fax +49 89 203042 900 / info@cfc-solutions.com //www.mtu-online.com
WEiGhtS AnD DimEnSionS
System
dimensions (L x W x H)
Weight (dry)
OPU
78 x 46 x 63.86 in (1,981 x 1,168 x 1,622 mm)
2,310 lb (1,048 kg)
Drawing above for illustration purposes only, based on standard open power 480 volt generator. Lengths may vary with other voltages. Do not use for installation design.
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
Materials and specifications subject to change without notice.
EmiSSionS DAtA
Fuel type
tHC + nox
Co
Natural Gas
0.22
0.56
Liquid Propane
0.46
0.23
All units are in g/hp-hr.
Engine meets 40 CFR Part 60/1048 specifications.
rAtinG DEFinitionS AnD ConDitionS
//
Ambient capability factor at 984 ft (300 m). Consult your
local mtU onsite Energy Power Generation Distributor for
other altitudes.
//
Standby ratings apply to installations served by a reliable
utility source. the standby rating is applicable to varying
loads for the duration of a power outage. no overload capa-
bility for this rating. ratings are in accordance with
iSo-3046/1, BS 5514, AS 2789, and Din 6271.
//
Deration Factor:
Altitude: 3% per 1,000 ft (305 m) above 328 ft (100 m).
temperature: 1% per 10°F (5.5°C) above 77°F (25°C).
SoUnD DAtA
unit type
Standby Full Load
Standby no Load
prime Full Load
prime no Load
OPU (dBA)
C/F
C/F
WPE - No Sound Attenuation (dBA)
C/F
C/F
CQE (dBA)
C/F
C/F
Measurements for sound data are taken at 23 ft (7m).


Similar Part No. - 125-GC6NLT1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
125-0028.0 PULSE-125-0028.0 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
125-0031.0 PULSE-125-0031.0 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
125-0032.0 PULSE-125-0032.0 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
125-0033.0 PULSE-125-0033.0 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
125-0035.0 PULSE-125-0035.0 Datasheet
147Kb / 4P
   IGNITION TRANSFORMERS
More results

Similar Description - 125-GC6NLT1

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
100-GC6NLT1 MTU-100-GC6NLT1 Datasheet
584Kb / 4P
   GAS Engine-Generator Set
30-GC6NLT1 MTU-30-GC6NLT1 Datasheet
393Kb / 4P
   GAS Engine-Generator Set
40-GC6NLT1 MTU-40-GC6NLT1 Datasheet
615Kb / 4P
   GAS Engine-Generator Set
50-GC6NLT1 MTU-50-GC6NLT1 Datasheet
559Kb / 4P
   GAS Engine-Generator Set
60-GC6NLT1 MTU-60-GC6NLT1 Datasheet
574Kb / 4P
   GAS Engine-Generator Set
80-GC6NLT1 MTU-80-GC6NLT1 Datasheet
579Kb / 4P
   GAS Engine-Generator Set
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
   GAS GENERATOR SET
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com