Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC25M4B Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC25M4B
Description  LinCMOSE QUAD OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC25M4B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC25M4B Datasheet HTML 7Page - Texas Instruments TLC25M4B Datasheet HTML 8Page - Texas Instruments TLC25M4B Datasheet HTML 9Page - Texas Instruments TLC25M4B Datasheet HTML 10Page - Texas Instruments TLC25M4B Datasheet HTML 11Page - Texas Instruments TLC25M4B Datasheet HTML 12Page - Texas Instruments TLC25M4B Datasheet HTML 13Page - Texas Instruments TLC25M4B Datasheet HTML 14Page - Texas Instruments TLC25M4B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
™ QUAD OPERATIONAL AMPLIFIERS
SLOS003F – JUNE 1983 – REVISED AUGUST 1994
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC25L4C
TLC25L4AC
TLC25L4BC
UNIT
MIN
TYP
MAX
0
°C
0.04
VI(PP) = 1 V
25
°C
0.03
SR
Slew rate at unity gain
RL = 1 MΩ,
CL = 20 pF,
()
70
°C
0.03
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
0
°C
0.03
V/
µs
VI(PP) = 2.5 V
25
°C
0.03
()
70
°C
0.02
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
70
nV/
√Hz
VV
C20 F
R1 M
0
°C
6
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 1 MΩ,
25
°C
5
kHz
See Figure 1
70
°C
4.5
0
°C
100
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 1
25
°C
85
kHz
70
°C
65
V10 mV
fB
C20 pF
0
°C
36
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
25
°C
34
°
See Figure 3
70
°C
30
°
operating characteristics, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC25L4C
TLC25L4AC
TLC25L4BC
UNIT
MIN
TYP
MAX
0
°C
0.05
VI(PP) = 1 V
25
°C
0.05
SR
Slew rate at unity gain
RL = 1 MΩ,
CL = 20 pF,
()
70
°C
0.04
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
0
°C
0.05
V/
µs
VI(PP) = 5.5 V
25
°C
0.04
()
70
°C
0.04
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
70
nV/
√Hz
VV
C20 F
R1 M
0
°C
1.3
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 1 MΩ,
25
°C
1
kHz
See Figure 1
70
°C
0.9
0
°C
125
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 1
25
°C
110
kHz
70
°C
90
V10 mV
fB
C20 pF
0
°C
40
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
25
°C
38
°
See Figure 3
70
°C
34
°


Similar Part No. - TLC25M4B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC25M4B TI1-TLC25M4B Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC25M4BCD TI1-TLC25M4BCD Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC25M4BCN TI1-TLC25M4BCN Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC25M4B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com