Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2943 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC2943
Description  HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2943 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2943 Datasheet HTML 6Page - Texas Instruments TLC2943 Datasheet HTML 7Page - Texas Instruments TLC2943 Datasheet HTML 8Page - Texas Instruments TLC2943 Datasheet HTML 9Page - Texas Instruments TLC2943 Datasheet HTML 10Page - Texas Instruments TLC2943 Datasheet HTML 11Page - Texas Instruments TLC2943 Datasheet HTML 12Page - Texas Instruments TLC2943 Datasheet HTML 13Page - Texas Instruments TLC2943 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TLC2943
HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
SLAS249 – NOVEMBER 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V
(unless otherwise noted) (continued)
VCO section
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
IOH = – 2 mA
4.5
V
VOL
Low-level output voltage
IOL = 2 mA
0.5
V
V(TH+)
Positive input threshold voltage
1.5
2.5
3.5
V
II
Input current
VI = VDD or GND
±1
µA
Z(VCOIN) VCOIN input impedance
VCOIN = 1/2VDD
10
M
IDD(INH)
VCO supply current (inhibit) (for one chip)
See Note 5
0.01
1
µA
IDD(VCO) VCO supply current (for one chip)
See Note 6
14
35
mA
NOTES:
5. The current into VCO VDD and LOGIC VDD when VCO INHIBIT = VDD and PFD INHIBIT is high.
6. The current into VCO VDD and LOGIC VDD when VCO IN = 1/2 VDD , RBIAS = 2.4 kΩ, VCO INHIBIT = ground, and PFD INHIBIT
is high.
PFD section
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
IOH = – 2 mA
4.5
V
VOL
Low-level output voltage
IOL = 2 mA
0.2
V
IOZ
High-impedance state output current
PFD INHIBIT = high,
VO = VDD or GND
±1
µA
VIH
High-level input voltage at FIN–A, FIN–B
3.5
V
VIL
Low-level input voltage at FIN–A, FIN–B
1.5
V
V(TH+)
Positive input threshold voltage at PFD
INHIBIT
1.5
2.5
3.5
V
CI
Input capacitance at FIN–A, FIN–B
7
pF
ZI
Input impedance at FIN–A, FIN–B
10
M
IDD(PFD)
PFD supply current
See Note 9
2.6
8
mA
NOTE 9: The current into LOGIC VDD when FIN–A and FIN–B = 50 MHz (V I(PP) = 5 V, rectangular wave), PFD INHIBIT = GND, PFD OUT open,
and VCO OUT is inhibited.


Similar Part No. - TLC2943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2940 TI-TLC2940 Datasheet
119Kb / 9P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940 TI1-TLC2940 Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPW TI-TLC2940IPW Datasheet
119Kb / 9P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPW TI1-TLC2940IPW Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
TLC2940IPWR TI1-TLC2940IPWR Datasheet
140Kb / 10P
[Old version datasheet]   HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
More results

Similar Description - TLC2943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942 TI-TLC2942 Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2942 TI1-TLC2942_06 Datasheet
479Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com