Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ58A Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # SMBJ58A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

SMBJ58A Datasheet(HTML) 2 Page - SynSemi, Inc.

  SMBJ58A Datasheet HTML 1Page - SynSemi, Inc. SMBJ58A Datasheet HTML 2Page - SynSemi, Inc. SMBJ58A Datasheet HTML 3Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified
Reverse
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
(1)
Stand-off
Reverse
Peak Pulse
Clamping
Voltage
Leakage
Surge Current
Voltage @ IPPM
@ VWM
Uni-directional
Bi-directional
VBR (V)
IT
VWM
ID
(3)
IPPM
(2)
VC
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
SMBJ5.0A
SMBJ5.0CA
(4)
6.40
7.07
10
5.0
800
65.2
9.2
SMBJ6.0A
SMBJ6.0CA
6.67
7.37
10
6.0
800
58.3
10.3
SMBJ6.5A
SMBJ6.5CA
7.22
7.98
10
6.5
500
53.6
11.2
SMBJ7.0A
SMBJ7.0CA
7.78
8.6
10
7.0
200
50.0
12.0
SMBJ7.5A
SMBJ7.5CA
8.33
9.21
1.0
7.5
100
46.5
12.9
SMBJ8.0A
SMBJ8.0CA
8.89
9.83
1.0
8.0
50
44.1
13.6
SMBJ8.5A
SMBJ8.5CA
9.44
10.4
1.0
8.5
20
41.7
14.4
SMBJ9.0A
SMBJ9.0CA
10.0
11.1
1.0
9.0
10
39.0
15.4
SMBJ10A
SMBJ10CA
11.1
12.3
1.0
10
5.0
35.3
17.0
SMBJ11A
SMBJ11CA
12.2
13.5
1.0
11
5.0
33.0
18.2
SMBJ12A
SMBJ12CA
13.3
14.7
1.0
12
5.0
30.2
19.9
SMBJ13A
SMBJ13CA
14.4
15.9
1.0
13
5.0
27.9
21.5
SMBJ14A
SMBJ14CA
15.6
17.2
1.0
14
5.0
25.8
23.2
SMBJ15A
SMBJ15CA
16.7
18.5
1.0
15
5.0
24.0
24.4
SMBJ16A
SMBJ16CA
17.8
19.7
1.0
16
5.0
23.1
26.0
SMBJ17A
SMBJ17CA
18.9
20.9
1.0
17
5.0
21.7
27.6
SMBJ18A
SMBJ18CA
20.0
22.1
1.0
18
5.0
20.5
29.2
SMBJ20A
SMBJ20CA
22.2
24.5
1.0
20
5.0
18.5
32.4
SMBJ22A
SMBJ22CA
24.4
26.9
1.0
22
5.0
16.9
35.5
SMBJ24A
SMBJ24CA
26.7
29.5
1.0
24
5.0
15.4
38.9
SMBJ26A
SMBJ26CA
28.9
31.9
1.0
26
5.0
14.2
42.1
SMBJ28A
SMBJ28CA
31.1
34.4
1.0
28
5.0
13.2
45.4
SMBJ30A
SMBJ30CA
33.1
36.8
1.0
30
5.0
12.4
48.4
SMBJ33A
SMBJ33CA
36.7
40.6
1.0
33
5.0
11.3
53.3
SMBJ36A
SMBJ36CA
40.0
44.2
1.0
36
5.0
10.3
58.1
SMBJ40A
SMBJ40CA
44.4
49.1
1.0
40
5.0
9.3
64.5
SMBJ43A
SMBJ43CA
47.8
52.8
1.0
43
5.0
8.6
69.4
SMBJ45A
SMBJ45CA
50.0
55.3
1.0
45
5.0
8.3
72.7
SMBJ48A
SMBJ48CA
53.3
58.9
1.0
48
5.0
7.7
77.4
SMBJ51A
SMBJ51CA
56.7
62.7
1.0
51
5.0
7.3
82.4
SMBJ54A
SMBJ54CA
60.0
66.3
1.0
54
5.0
6.9
87.1
SMBJ58A
SMBJ58CA
64.4
71.2
1.0
58
5.0
6.4
93.6
SMBJ60A
SMBJ60CA
66.7
73.7
1.0
60
5.0
6.2
96.8
SMBJ64A
SMBJ64CA
71.1
78.6
1.0
64
5.0
5.8
103
SMBJ70A
SMBJ70CA
77.8
86
1.0
70
5.0
5.3
113
SMBJ75A
SMBJ75CA
83.3
92.1
1.0
75
5.0
4.9
121
SMBJ78A
SMBJ78CA
86.7
95.8
1.0
78
5.0
4.7
126
SMBJ85A
SMBJ85CA
94.4
104
1.0
85
5.0
4.4
137
SMBJ90A
SMBJ90CA
100
111
1.0
90
5.0
4.1
146
SMBJ100A
SMBJ100CA
111
123
1.0
100
5.0
3.7
162
SMBJ110A
SMBJ110CA
122
135
1.0
110
5.0
3.4
177
SMBJ120A
SMBJ120CA
133
147
1.0
120
5.0
3.1
193
SMBJ130A
SMBJ130CA
144
159
1.0
130
5.0
2.9
209
SMBJ150A
SMBJ150CA
167
185
1.0
150
5.0
2.5
243
SMBJ160A
SMBJ160CA
178
197
1.0
160
5.0
2.3
259
SMBJ170A
SMBJ170CA
189
209
1.0
170
5.0
2.2
275
SMBJ188A
SMBJ188CA
189
231
1.0
188
5.0
2.0
328
Notes:
(1) Pulse test : tp<50ms.
(2) Surge Current Waveform per Figure 5 and Derate per Figure 1
(3) For bi-directional types have VWM of 10 Volts and less , the ID limit is doubled
(4) For the bi-directional SMBJ5.0CA, the maximum VBR is 7.25V
(5) "SMBJ" will be omitted in marking on the diode.
Page 2 of 3
Rev. 02 : February 2, 2004
Type No.


Similar Part No. - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ58A JGD-SMBJ58A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ58A SOCAY-SMBJ58A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bourns Electronic Solut...
SMBJ58A BOURNS-SMBJ58A Datasheet
360Kb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
UN Semiconducctor INC
SMBJ58A UNSEMI-SMBJ58A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Suntan Capacitors
SMBJ58A SUNTAN-SMBJ58A Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com