Selected language     English  ▼


SMAJ7.0CA Datasheet(PDF) 3 Page - SynSemi, Inc.

Part No. SMAJ7.0CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNSEMI [SynSemi, Inc.]
Homepage  http://www.synsemi.com
Logo 

   
 3 page
background image
RATING AND CHARACTERISTIC CURVES ( SMAJ5.0A - SMAJ188CA )
FIG.1 - PULSE DERATING CURVE
FIG.2 - TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - PULSE WAVEFORM
FIG.4 - PEAK PULSE POWER RATING CURVE
FIG.5 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
Page 3 of 3
Rev.02 : February 3, 2004
80
60
40
20
120
100
10
0
0.1
1.0
td, PULSE WIDTH, SEC
100
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
NON-REPETITIVE
PULSE WAVEFORM
SHOW IN FIG. 3 ,Ta=25
°C
6,000
100
1,000
10
10
20
100
1
2
200
Measured at
Stand-off Voltage
Voltage VWM
TJ = 25
°C
f = 1.0 MHz
Vsig = 50 mVP-P
t, TIME(ms)
50
100
0
tr = 10
µs
Peak Value
IPPM
Half Value - IPPM
2
td
0
1.0
2.0
3.0
4.0
Ta=25
°C
Pulse Width (td) is defined
as that point where the peak
current decays to 50%
of IPPM
VWM, REVERSE STAND-OFF VOLTAGE, (V)
50
40
30
0
1
5
10
50
100
NUMBER OF CYCLES AT 60 Hz
TJ = TJ max
8.3 ms Single half sine-wave
JEDEC Method
20
10
10/1000
µs. Waveform as
defined by R.E.A.
SMAJ5.0 -
SMAJ78A
SMAJ85 -
SMAJ188A




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3.0SMCJSurface Mount Transient Voltage Suppressor 1 2 3 4 Taiwan Semiconductor Company, Ltd
P4SMA400 Watts Surface Mount Transient Voltage Suppressor 1 2 3 4 Fuji Electric
TVT5R0AWSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR ARRAYS 1 2 3 4 TAITRON Components Incorporated
P6SMBJ180600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
3.0SMCJ_13000 Watts Surface Mount Transient Voltage Suppressor 1 2 3 4 Taiwan Semiconductor Company, Ltd
15SMC68A1500W Surface Mount Transient Voltage Suppressor 1 2 3 4 5 TAITRON Components Incorporated
SM6.8SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 MIC GROUP RECTIFIERS
1.5SMC_11500 Watts Surface Mount Transient Voltage Suppressor 1 2 3 4 Taiwan Semiconductor Company, Ltd
1.5SMC75ASURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 MDE Semiconductor, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl