Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIPA10E052 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PIPA10E052
Description  Pigtail Integrated InGaAs PIN Photodiode Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PIPA10E052 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PIPA10E052 Datasheet HTML 1Page - OPLINK Communications Inc. PIPA10E052 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Parameters
Specification
Unit
Operating Wavelength Range
1260~1360
1510~1610
mm
Optical
Return Loss (exclude connector)
>40
dB
Monitoring
Responsivity (relative to nominal
power at input port)
>0.75
>0.8
A/W
Responsivity Temperature Depen-
dence (@1310nm or 1550nm)
<0.2
dB
Responsivity Polarization Depen-
dence
<0.1
dB
PD
PD Dark Current
(@ 70°C, -5V bias)
0.5G Bandwidth
<10
nA
2.0G Bandwidth
<2.5
nA
Reverse Voltage
<20
V
Forward Current
<10
mA
Conditions
Input Optical Power
<4
dBm
Operating Temperature Range
(<85%RH, Non-condensing)
-5 to +70
°C
Storage Temperature Range
(<85%RH, Non-condensing)
-40 to -85
°C
Applications
Performance Specificationns
Notes:
1) Excluding connectors.
R01.20080530
Pigtail Integrated InGaAs PIN
Photodiode Array
PIPA Series
Oplink’s Pigtail Integrated Photodiode Array (PIPA) is a compact, multi-channel
power-monitoring device. It increases module design flexibility and efficiency
by significantly reducing the number of assembly components and facilitating
fiber management.
Easily mounted on a PCB, Oplink’s standard 12/14-pin package provides pow-
er monitoring for up to ten channels. Applications include DWDM chan-
nel power monitoring, optical network switching/protection monitoring, re-
configurable optical add/drop multiplexers, and gain/attenuation monitoring in
amplifier systems.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Standard, 12/14-pin package easily
mounted on a PCB
4, 8 and 10 channel configurations
Wide operating wavelength range
Low dark current
High temperature stability
DWDM channel monitoring
Optical network switch/protection
monitoring
Re-configurable optical add/drop
multiplexers
Gain/attenuation monitoring in
amplifier systems
EDFAs and Raman amplifiers


Similar Part No. - PIPA10E052

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PIPA OPLINK-PIPA Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA-S0062 OPLINK-PIPA-S0062 Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA08E20200111G OPLINK-PIPA08E20200111G Datasheet
182Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA4305100113 OPLINK-PIPA4305100113 Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA4305100114 OPLINK-PIPA4305100114 Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
More results

Similar Description - PIPA10E052

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PIPA OPLINK-PIPA Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA08E20200111G OPLINK-PIPA08E20200111G Datasheet
182Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA-S0062 OPLINK-PIPA-S0062 Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPD15502001111 OPLINK-PIPD15502001111 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD OPLINK-PIPD Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD-S0063 OPLINK-PIPD-S0063 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD131005011 OPLINK-PIPD131005011 Datasheet
217Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
logo
Hamamatsu Corporation
G8909-01 HAMAMATSU-G8909-01 Datasheet
119Kb / 3P
   InGaAs PIN photodiode array
G8909-01 HAMAMATSU-G8909-01_15 Datasheet
526Kb / 3P
   InGaAs PIN photodiode array
G67150 HAMAMATSU-G67150 Datasheet
108Kb / 2P
   InGaAs PIN photodiode array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com