Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLCS264S1L1 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # PLCS264S1L1
Description  Planar Lightwave Circuit Splitter Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PLCS264S1L1 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  PLCS264S1L1 Datasheet HTML 1Page - OPLINK Communications Inc. PLCS264S1L1 Datasheet HTML 2Page - OPLINK Communications Inc. PLCS264S1L1 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mechanical Drawing / Package Dimensions
Oplink Communications, Inc.
Planar Lightwave Circuit Splitter Modules
PLCS2 Series
LGX Packaging:
Unit: inch
Unit: mm (inch)
1RU 19” Rack-mount Chassis:
Unit: mm (inch)
1RU ETSI Rack-mount Chassis:
43.6 [1.72]
532.4 [20.96]
445.0 [17.52]
515.0 [20.28]
1RU 23” Rack-mount Chassis:
Unit: mm (inch)
445.0 [17.52]
584.0 [22.99]
566.6 [22.31]
43.6 [1.72]
3.97
4.65
2.28
3.42 +0.00
-0.03
1.14
2.28 +0.00
-0.03
.57
1.14 +0.00
-0.02
.57
.57
5.12


Similar Part No. - PLCS264S1L1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS2 OPLINK-PLCS2 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS2-S0064 OPLINK-PLCS2-S0064 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
More results

Similar Description - PLCS264S1L1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS2 OPLINK-PLCS2 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS2-S0064 OPLINK-PLCS2-S0064 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCSS011 OPLINK-PLCSS011 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCS1 OPLINK-PLCS1 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
Agilent(Hewlett-Packard...
AGL83440C HP-AGL83440C Datasheet
293Kb / 8P
   High-Speed Lightwave Converters
N4374B HP-N4374B Datasheet
367Kb / 18P
   Lightwave Component Analyzer
N4373C HP-N4373C Datasheet
414Kb / 18P
   67 GHz Single-Mode Lightwave Component Analyzer
logo
List of Unclassifed Man...
TRV5366 ETC1-TRV5366 Datasheet
127Kb / 2P
   lightwave transceiver for OC-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com