Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV10 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # BAV10
Description  HIGH SPEED SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

BAV10 Datasheet(HTML) 1 Page - SynSemi, Inc.

  BAV10 Datasheet HTML 1Page - SynSemi, Inc. BAV10 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV10
HIGH SPEED SWITCHING DIODE
FEATURES :
• High switching speed: max. 6 ns
• General application
• Continuous reverse voltage:max. 60 V
• Repetitive peak reverse voltage:max. 60 V
• Repetitive peak forward current: max. 600 mA
* Pb / RoHS Free
MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.11g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRRM
60
V
VRM
60
V
Maximum Continuous Forward Current
IF
300
mA
Maximum Power Dissipation
PD
350
mW
Maximum Repetitive Peak Forward Current
IFRM
600
mA
Maximum Surge Forward Current at t < 1s , Tj = 25
°C
IFSM
1.0
A
Maximum Junction Temperature
TJ
200
°C
Storage Temperature Range
TS
-65 to + 200
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
IR
VR = 60 V
-
-
100
nA
VR = 60 V , Tj = 150 °C
-
-
100
µA
Forward Voltage
VF
IF = 200 mA
-
-
1.0
V
Diode Capacitance
Cd
-
-
2.5
pF
IF = 400mA to IR = 400mA
RL = 100 Ω ; measured
at IR = 40mA
Page 1 of 2
Rev. 02 : March 25, 2005
Test Condition
f = 1MHz ; VR = 0
Reverse Recovery Time
Trr
ns
6
-
-
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Reverse Current
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Similar Part No. - BAV10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV10 PHILIPS-BAV10 Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 16
logo
New Jersey Semi-Conduct...
BAV10 NJSEMI-BAV10 Datasheet
44Kb / 1P
   Small Signal Devices
BAV10 NJSEMI-BAV10 Datasheet
44Kb / 1P
   Small Signal Devices
BAV10 NJSEMI-BAV10 Datasheet
44Kb / 1P
   Small Signal Devices
logo
EIC discrete Semiconduc...
BAV10 EIC-BAV10 Datasheet
82Kb / 2P
   HIGH SPEED SWITCHING DIODE
More results

Similar Description - BAV10

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com