|
| BAY80 |
|
||
|
SYNSEMI |
|
2 page
RATING AND CHARACTERISTIC CURVES ( BAY80 ) FIG. 1 MAXIMUM PERMISSIBLE AVERAGE FORWARD FIG. 2 TYPICAL FORWARD VOLTAGE CURRENT VERSUS AMBIENT TEMPERATURE. FIG. 3 TYPICAL DIODE CAPACITANCE AS FIG. 4 TYPICAL REVERESE CURRENT A FUNCTION OF REVERSE VOLTAGE VERSUS JUNCTION TEMPERATURE Page 2 of 2 Rev. 03 : January 28, 2006 010 20 Reverse Voltage , VR (V) 0.8 1.6 0 0.4 1.2 Forward Voltage , VF (V) 1 100 0.1 10 0 0 100 200 Ambient Temperature , Ta ( °C) 100 400 1.0 1.0 1.4 200 500 0.8 f = 1MHz; TJ = 25°C TJ = 25°C 0 100 200 10 -1 10 2 10 3 1 Junction Temperature , Ta ( °C) VR = 120V 10 10 -2 300 1000 1.2 Lead Length 10mm. 1.4 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| 1SS400 | High speed Switching Diode | 1 2 3 | Galaxy Semi-Conductor Holdings Limited |
| 1SS141 | SMALL SIGNAL SWITCHING DIODE | 1 | Galaxy Semi-Conductor Holdings Limited |
| BAS116 | Surface mount switching diode | 1 2 3 | Galaxy Semi-Conductor Holdings Limited |
| MMBD914 | High-speed switching diode | 1 2 3 | Galaxy Semi-Conductor Holdings Limited |
| TWD4148-400WU | Two Terminals SMD Switching Diode | 1 2 3 4 5 | TAITRON Components Incorporated |
| BAV70 | Three Terminals SMD Switching Diode | 1 2 3 4 5 | TAITRON Components Incorporated |
| 1SS270 | Silicon Epitaxial Planar Diode for High Speed Switching | 1 2 3 4 5 | Renesas Technology Corp |
| RKP450KE | Ultra small Package Composite Pin Diode for Antenna Switching | 1 2 3 4 5 | Renesas Technology Corp |
| RJK0389DPA | Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching | 1 2 3 4 5 | Renesas Technology Corp |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |