Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4148 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # LL4148
Description  HIGH SPEED SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

LL4148 Datasheet(HTML) 1 Page - SynSemi, Inc.

  LL4148 Datasheet HTML 1Page - SynSemi, Inc. LL4148 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4148
HIGH SPEED SWITCHING DIODE
FEATURES :
* Silicon Epitaxial Planar Diode
* High reliability
* Low reverse current
* Low forward voltage drop
* High speed switching
* Pb / RoHS Free
MECHANICAL DATA :
Case:
MiniMELF Glass Case (SOD-80)
Weight:
approx. 0.05g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRM
100
V
VR
75
V
Maximum Continuous Current
(1)
IF
200
mA
Maximum Average Forward Current
Half Wave Rectification with Resistive Load, f
≥ 50Hz (1)
Maximum Surge Forward Current at t < 1s and Tj = 25
°C
IFSM
500
mA
Maximum Power Dissipation
(1)
PD
500
mW
Thermal Resistance Junction to tie-point
RӨJtp
300
°C/W
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Note:
(1) Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VR = 20 V
-
-
25
nA
VR = 75 V
--
5
μA
VR = 20 V , Tj = 150 °C-
-
50
μA
Forward Voltage
VF
IF = 10 mA
--
1
V
Diode Capacitance
Cd
-
-
4
pF
IF = 10 mA , IR = 1mA,
VR = 6 V, RL = 100Ω
Page 1 of 2
Rev. 02 : March 25, 2005
IF(AV)
150
mA
IR
Test Condition
f = 1MHz ; VR = 0
Reverse Recovery Time
Trr
ns
4
-
-
Parameter
Maximum Peak Reverse Voltage
Maximum Reverse Voltage
Reverse Current
0.098 (2.50)
Max.
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
Dimensions in inches and ( millimeters )
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.079 (2.00)Min.


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
LL4148 DIOTECH-LL4148 Datasheet
662Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
logo
Shenzhen Yixinwei Techn...
LL4148 YIXIN-LL4148 Datasheet
231Kb / 4P
   Silicon Epitaxial Planar Switching Diode
logo
Fairchild Semiconductor
LL4148 FAIRCHILD-LL4148 Datasheet
128Kb / 6P
   Small Signal Diode
logo
Weitron Technology
LL4148 WEITRON-LL4148 Datasheet
167Kb / 4P
   Surface Mount Switching Diodes
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com