Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM4733A Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # ZM4733A
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

ZM4733A Datasheet(HTML) 2 Page - SynSemi, Inc.

  ZM4733A Datasheet HTML 1Page - SynSemi, Inc. ZM4733A Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise noted)
Nominal Zener
Maximum Reverse
Maximum DC
Voltage
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(2)
(V)
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
(mA)
ZM4728A
3.3
76.0
10
400
1.0
100
1.0
276
ZM4729A
3.6
69.0
10
400
1.0
100
1.0
252
ZM4730A
3.9
64.0
9.0
400
1.0
50
1.0
234
ZM4731A
4.3
58.0
9.0
400
1.0
10
1.0
217
ZM4732A
4.7
53.0
8.0
500
1.0
10
1.0
193
ZM4733A
5.1
49.0
7.0
550
1.0
10
1.0
178
ZM4734A
5.6
45.0
5.0
600
1.0
10
2.0
162
ZM4735A
6.2
41.0
2.0
700
1.0
10
3.0
146
ZM4736A
6.8
37.0
3.5
700
1.0
10
4.0
133
ZM4737A
7.5
34.0
4.0
700
0.5
10
5.0
121
ZM4738A
8.2
31.0
4.5
700
0.5
10
6.0
110
ZM4739A
9.1
28.0
5.0
700
0.5
10
7.0
100
ZM4740A
10
25.0
7.0
700
0.25
10
7.6
91
ZM4741A
11
23.0
8.0
700
0.25
5.0
8.4
83
ZM4742A
12
21.0
9.0
700
0.25
5.0
9.1
76
ZM4743A
13
19.0
10
700
0.25
5.0
9.9
69
ZM4744A
15
17.0
14
700
0.25
5.0
11.4
61
ZM4745A
16
15.5
16
700
0.25
5.0
12.2
57
ZM4746A
18
14.0
20
750
0.25
5.0
13.7
50
ZM4747A
20
12.5
22
750
0.25
5.0
15.2
45
ZM4748A
22
11.5
23
750
0.25
5.0
16.7
41
ZM4749A
24
10.5
25
750
0.25
5.0
18.2
38
ZM4750A
27
9.5
35
750
0.25
5.0
20.6
34
ZM4751A
30
8.5
40
1000
0.25
5.0
22.8
30
ZM4752A
33
7.5
45
1000
0.25
5.0
25.1
27
ZM4753A
36
7.0
50
1000
0.25
5.0
27.4
25
ZM4754A
39
6.5
60
1000
0.25
5.0
29.7
23
ZM4755A
43
6.0
70
1500
0.25
5.0
32.7
22
ZM4756A
47
5.5
80
1500
0.25
5.0
35.8
19
ZM4757A
51
5.0
95
1500
0.25
5.0
38.8
18
ZM4758A
56
4.5
110
2000
0.25
5.0
42.6
16
ZM4759A
62
4.0
125
2000
0.25
5.0
47.1
14
ZM4760A
68
3.7
150
2000
0.25
5.0
51.7
13
ZM4761A
75
3.3
175
2000
0.25
5.0
56.0
12
ZM4762A
82
3.0
200
3000
0.25
5.0
62.2
11
ZM4763A
91
2.8
250
3000
0.25
5.0
69.2
10
ZM4764A
100
2.5
350
3000
0.25
5.0
76.0
9.0
Notes:
(1) The Zener impedance is derived from the 1KHz AC voltage which results when an AC current having an RMS value equal
to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to
insure a sharp knee on the breakdown curve and to eliminate unstable units
(2) Valid provided that electrodes at a distance of 10mm from case are kept at ambient temperature
(3) The type number listed have a standard tolerance on the nominal zener voltage
of ± 5%.
Page 2 of 2
Rev. 03 : March 25, 2005
Type
Maximum Zener Impedance
(1)


Similar Part No. - ZM4733A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4733A DIODES-ZM4733A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
ZM4733A VISHAY-ZM4733A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
logo
TAITRON Components Inco...
ZM4733A TAITRON-ZM4733A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
PACELEADER INDUSTRIAL
ZM4733A PACELEADER-ZM4733A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
ZM4733A VISHAY-ZM4733A Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.4, 12-Dec-05
More results

Similar Description - ZM4733A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com