Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6002A Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # 1N6002A
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1N6002A Datasheet(HTML) 1 Page - SynSemi, Inc.

  1N6002A Datasheet HTML 1Page - SynSemi, Inc. 1N6002A Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5985A - 1N6031A
ZENER DIODES
VZ : 2.4 - 200 V
PD : 500 mW
FEATURES :
* Extensive selection from 2.0 V to 200 V
* Standard zener voltage tolerance is ± 10%.
* Other tolerances are available upon request.
* Pb / RoHS Free
MECHANICAL DATA :
* Case:
DO-35 Glass Case
* Weight:
approx. 0.13g
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Power Dissipation
500
Maximum Forward Voltage at IF = 200 mA.
1.1
V
Thermal Resistance Junction to Ambient (Note 1)
310
°C/W
Thermal Resistance Junction to Lead (Note 1)
250
°C/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 175
°C
Note :
(1) At 3/8 inch (10 mm) from body, when mounted on FR4 PC board (1 oz Cu) with 4 m2 copper pads and track with 1 mm, length 25 mm.
FIG. - 1 POWER DERATING CURVE
0
25
50
75
100
125
150
175
Page 1 of 2
Rev. 01 : August 7, 2006
mW
RӨJL
RӨJA
VF
PD
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
0
100
200
300
400
500
TEMPERATURE , (°C)
Ta on FR4 PC Board
TL


Similar Part No. - 1N6002A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6002A MICROSEMI-1N6002A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
More results

Similar Description - 1N6002A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com