Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ10 Datasheet(PDF) 2 Page - SynSemi, Inc.

Part # MTZJ10
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

MTZJ10 Datasheet(HTML) 2 Page - SynSemi, Inc.

  MTZJ10 Datasheet HTML 1Page - SynSemi, Inc. MTZJ10 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specifie
Zener Voltage
Test
Maximum Zener
Maximum
VZ @ IZT
Current
Impedance
Reverse
Suffix A
Suffix B
Suffix C
Suffix D
Current
Min. Nom. Max.
Min. Nom. Max.
Min. Nom. Max.
Min. Nom. Max.
IZT
ZZT @ IZT ZZk @ IZK
IZK
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(V)
(mA)
(
Ω)(Ω)
(mA)
(
μA)
(V)
MTZJ2.0
1.89
2.00
2.11
2.02
2.11
2.20
------
5
100
1000
0.5
120
0.5
MTZJ2.2
2.11
2.20
2.29
2.22
2.32
2.42
------
5
100
1000
0.5
120
0.7
MTZJ2.4
2.34
2.44
2.54
2.43
2.53
2.63
------
5
100
1000
0.5
120
1
MTZJ2.7
2.54
2.65
2.76
2.69
2.8
2.91
5
100
1000
0.5
100
1
MTZJ3.0
2.85
2.96
3.07
3.01
3.12
3.23
------
5
120
1000
0.5
50
1
MTZJ3.3
3.16
3.27
3.38
3.32
3.43
3.54
------
5
120
1000
0.5
20
1
MTZJ3.6
3.45
3.58
3.70
3.60
3.72 3.845
------
5
100
1000
1.0
10
1
MTZJ3.9
3.74
3.88
4.01
3.89
4.03
4.16
------
5
100
1000
1.0
5
1
MTZJ4.3
4.04
4.17
4.29
4.17
4.30
4.43
------
5
100
1000
1.0
5
1
MTZJ4.7
4.44
4.56
4.67
4.55
4.68
4.80
------
5
80
900
0.5
5
1
MTZJ5.1
4.81
4.94
5.06
4.94
5.07
5.20
5.08
5.23
5.37
-
-
-
5
70
1200
1.0
5
1.5
MTZJ5.6
5.11
5.42
5.55
5.45
5.59
5.72
5.61
5.76
5.90
-
-
-
5
40
900
1.0
5
2.5
MTZJ6.2
5.78
5.94
6.09
5.96
6.12
6.27
6.12
6.28
6.43
-
-
-
5
30
500
1.0
5
3
MTZJ6.8
6.33
6.46
6.62
6.49
6.66
6.82
6.66
6.84
7.01
-
-
-
5
20
150
0.5
2
3.5
MTZJ7.5
6.85
7.04
7.22
7.07
7.26
7.44
7.29
7.48
7.66
-
-
-
5
20
120
0.5
0.5
4
MTZJ8.2
7.53
7.73
7.92
7.79
8.00
8.20
8.03
8.24
8.44
-
-
-
5
20
120
0.5
0.5
5
MTZJ9.1
8.28
8.51
8.73
8.57
8.79
9.00
8.83
9.07
9.30
-
-
-
5
20
120
0.5
0.5
6
MTZJ10
9.13
9.36
9.59
9.41
9.66
9.90
9.70
9.95 10.19 9.94 10.20 10.45
5
20
120
0.5
0.2
7
MTZJ11
10.14 10.40 10.66 10.53 10.80 11.07 10.82 11.10 11.37
-
-
-
5
20
120
0.5
0.2
8
MTZJ12
11.11 11.40 11.68 11.40 11.70 11.99 11.70 12.00 12.30
-
-
-
5
25
110
0.5
0.2
9
MTZJ13
12.07 12.40 12.72 12.56 12.90 13.23 12.96 13.30 13.63
-
-
-
5
25
110
0.5
0.2
10
MTZJ14
12.75 13.20 13.43 13.24 13.60 13.95 13.65 14.00 14.40
5
25
110
0.5
0.2
10.5
MTZJ15
13.45 13.80 14.14 13.92 14.30 14.67 14.33 14.70 15.06
-
-
-
5
25
110
0.5
0.2
11
MTZJ16
14.82 15.20 15.58 15.21 15.60 15.99 15.69 16.10 16.50
-
-
-
5
25
150
0.5
0.2
12
MTZJ18
16.19 16.60 17.02 16.87 17.30 17.73 17.39 17.80 18.21
-
-
-
5
30
150
0.5
0.2
13
MTZJ20
18.04 18.50 18.96 18.62 19.10 19.58 19.21 19.70 20.19 19.70 20.20 20.71
5
30
200
0.5
0.2
15
MTZJ22
20.18 20.70 21.22 20.67 21.20 21.73 21.06 21.60 22.14 21.55 22.10 22.65
5
30
200
0.5
0.2
17
MTZJ24
22.04 22.60 23.17 22.62 23.20 23.78 23.11 23.70 24.29 23.60 24.20 24.81
5
35
200
0.5
0.2
19
MTZJ27
24.28 24.90 25.52 24.96 25.60 26.24 26.33 27.00 27.68 26.54 27.00 27.46
5
45
250
0.5
0.2
21
MTZJ30
27.01 27.70 28.39 27.69 28.40 29.11 28.37 29.10 29.83 29.06 29.80 30.55
5
55
250
0.5
0.2
23
MTZJ33
29.64 30.40 31.16 30.32 31.10 31.88 30.91 31.70 32.49 31.49 32.30 33.11
5
65
250
0.5
0.2
25
MTZJ36
32.18 33.00 33.83 32.76 33.60 34.44 33.44 34.30 35.16 34.03 34.90 35.77
5
75
250
0.5
0.2
27
MTZJ39
34.71 35.60 36.49 35.47 36.30 37.13 35.98 36.90 37.82 36.66 37.60 38.54
5
85
250
0.5
0.2
30
Note : 1. The Zener voltage is measured 40ms after power is supplied.
Page 2 of 2
Rev. 04 : March 25, 2005
IR @ VR
Type


Similar Part No. - MTZJ10

ManufacturerPart #DatasheetDescription
logo
Rohm
MTZJ10 ROHM-MTZJ10 Datasheet
102Kb / 2P
   500mW Zenor Mini Diode
logo
Galaxy Semi-Conductor H...
MTZJ10 BILIN-MTZJ10 Datasheet
101Kb / 3P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
MTZJ10 TSC-MTZJ10 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
MTZJ10 TSC-MTZJ10 Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
EIC discrete Semiconduc...
MTZJ10 EIC-MTZJ10 Datasheet
64Kb / 2P
   ZENER DIODES
More results

Similar Description - MTZJ10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com