Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC490 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BC490
Description  High Current Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC490 Datasheet(HTML) 3 Page - Motorola, Inc

  BC490 Datasheet HTML 1Page - Motorola, Inc BC490 Datasheet HTML 2Page - Motorola, Inc BC490 Datasheet HTML 3Page - Motorola, Inc BC490 Datasheet HTML 4Page - Motorola, Inc BC490 Datasheet HTML 5Page - Motorola, Inc BC490 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC490,A
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 2. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–200
–70
–50
–30
–20
–10
–7.0
–5.0
–3.0
–2.0
200
100
70
50
20
VCE = –2.0 V
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
–100
–50
–20
–10
–5.0
–2.0
–1.0
–0.5
–0.2
–0.1
100
70
50
30
20
5.0
TJ = 25°C
Cobo
Cibo
10
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
–500
–50
–30
–20
–10
–7.0
–5.0
1.0 k
VCC = –40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
700
500
300
200
100
70
50
30
20
10
ts
tf
tr
td @ VBE(off) = –0.5 V
–100
7.0
–200
–100
–70
–300
30
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
20 k
50 k
100 k
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN–469)
TJ(pk) – TC = P(pk) Z
θJC(t)
TJ(pk) – TA = P(pk) Z
θJA(t)
t1
t2
P(pk)
Z
θJC(t) = r(t) • RθJC
Z
θJA(t) = r(t) • RθJA
SINGLE PULSE


Similar Part No. - BC490

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
249Kb / 6P
   High Current Transistors(PNP Silicon)
1996
logo
Micro Electronics
BC490 MICRO-ELECTRONICS-BC490 Datasheet
139Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC490 ONSEMI-BC490 Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC490A ONSEMI-BC490A Datasheet
249Kb / 6P
   High Current Transistors(PNP Silicon)
1996
More results

Similar Description - BC490

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com