|
| AQ0400IU2TEAIND |
|
||
|
SYNQOR |
|
6 page
AC Input: DC Output: Power: Grade: 85-264 VRMS 12/24/36/48V Semi-reg. 400 W Series Industrial Technical Specification Product # AQ0400IUxT Series Phone 1-888-567-9596 www.synqor.com Doc.# 005-005053 Rev. A 09/08/08 Page 6 MECHANICAL DRAWINGS (1 Module Open Frame Version — E Package Type) NOTES (applies to all mechanicals) 1)Recommendedscrewtighteningtorqueof6in.lbs 2)Undimensionedcomponentsareshownforvisualreferenceonly 3)Alldimensionsininches[mm] Tolerances: x.xxin±0.02 x.xxxin±0.010 Bottom Top Front Back Right MECHANICAL DRAWINGS (2 Modules Flat Version — R Package Type) MECHANICAL DRAWINGS (3 Modules Flat Version — T Package Type) Bottom Top Front Back Right MECHANICAL DRAWINGS (3 Modules Stacked Version — U Package Type) MECHANICAL DRAWINGS (2 Modules Stacked Version — S Package Type) MECHANICAL DRAWINGS (1 Module Encased Version — E Package Type) |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AQ0300MU2TEACFD | Medical Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| AQ0300MU12EACFD | Medical Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| PSPW120 | 120 Watts with PFC AC/DC Open Frame Power Supply | 1 2 | Wall Industries,Inc. |
| PSRL5017R3 | Up to 300 Watts Single Output with Active PFC AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| PSRL0402 | 400 Watt with Airflow Medical Approved Single Output AC/DC Switching Power Supply with Active PFC | 1 2 3 4 | Wall Industries,Inc. |
| PSRL5017R3-I | Up to 300 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| PSRL0402D | 400 Watt with Airflow Medical Approved Dual Output AC/DC Switching Power Supply with Active PFC | 1 2 3 4 | Wall Industries,Inc. |
| PSRL5017R5 | Up to 500 Watts Single Output with Active PFC AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |