|
| AQ1000IU12RQIND |
|
||
|
SYNQOR |
|
4 page
AC Input: DC Output: Power: Grade: 85-264 VRMS 12/24/36/48V Semi-reg. 500 W Series Industrial Technical Specification Product # AQ0500IUxx Series Phone 1-888-567-9596 www.synqor.com Doc.# 005-005054 Rev. 1 09/04/08 Page 4 PRELIMINARY EFFICIENCY, DERATING, AND VOUT DROOP CURVES 11 12.5 Continuous 42 44 46 48 50 52 54 0 3 6 9 12 15 Output Load (A) Figure 8: 48 VOUT droop characteristics. 0 100 200 300 400 500 600 0 10 20 30 40 50 60 70 80 Case Temperature (ºC) 24 / 36 / 48 V, VIN ≥ 105 Vrms 12 V, VIN ≥ 105 Vrms 24 / 36 / 48 V, VIN = 85 Vrms 12 V, VIN = 85 Vrms 85 132 170 264 0 100 200 300 400 500 600 700 800 Input AC Voltage (VRMS) Transient (24/36/48 V Out) Continuous (24/36/48 V Out) 0 100 200 300 400 500 600 0 10 20 30 40 50 60 70 80 Ambient / Case Temperature (ºC) 24 / 36 / 48 V with Fan Enabled 12 V with Fan Enabled 85 105 132 150 170 210 264 0 100 200 300 400 500 600 700 800 Input AC Voltage (VRMS) Transient (12 V Out) Continuous (12 V Out) Figure 10: Fan Disabled continuous power derating curve in natural convection. Figure 9: Continuous power derating curve in natural convection. For Fan Disabled, see Figure 10. Figure 7: 48 VOUT efficiency curves. 65 70 75 80 85 90 95 100 0 100 200 300 400 500 600 700 Output Power (W) 115 Vrms 230 Vrms Figure 12: Rated output power vs Input AC Voltage. Figure 11: Rated output power vs Input AC Voltage. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AQ0400IU2TEAIND | Industrial Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| AQ0400IU24EAIND | Industrial Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| AQ1500IU1TTQIND | Industrial Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| AQ0300MU2TEACFD | Medical Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| AQ0300MU12EACFD | Medical Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| AQ0400MU2TEACFD | Medical Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| AQ0400MU12EACFD | Medical Grade AC/DC Power Supply With PFC | 1 2 3 4 5 More | SynQor Worldwide Headquarters |
| PSPW120 | 120 Watts with PFC AC/DC Open Frame Power Supply | 1 2 | Wall Industries,Inc. |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |