Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ50120QTA20PNS Datasheet(PDF) 5 Page - SynQor Worldwide Headquarters

Part # BQ50120QTA20PNS
Description  Quarter-brick DC Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ50120QTA20PNS Datasheet(HTML) 5 Page - SynQor Worldwide Headquarters

  BQ50120QTA20PNS Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ50120QTA20PNS Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ50120QTA20PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ50120QTA20PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ50120QTA20PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ50120QTA20PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ50120QTA20PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ50120QTA20PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ50120QTA20PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product # BQ50120QTA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BQ512J Rev. E
03/17/06
Page 5
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
42-53 V
42-53 V
12 V
12 V
20 A
20 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
80
82
84
86
88
90
92
94
96
98
100
0
2
4
6
8
10
12
14
16
18
20
Load Current (A)
42 Vin
48 Vin
52 Vin
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
Load Current (A)
42 Vin
48 Vin
52 Vin
Figure 2: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
92
93
94
95
96
97
98
0
100
200
300
400
500
Air Flow (LFM)
25 C
40 C
55 C
Figure 3: Efficiency at nominal output voltage and 60% rated power vs.
airflow rate for ambient air temperatures of 25°C, 40°C, and 55°C
(nominal input voltage).
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
18
20
Load Current (A)
42Vin
48Vin
52Vin
Figure 4: Output voltage regulation vs. load current for minimum, nom-
inal, and maximum input voltage at 25°C.
0
2
4
6
8
10
12
14
16
18
20
025
40
55
70
85
Ambient Air Temperature (
oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 5: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 LFM through 400 LFM with air flowing
from pin 3 to pin 1 (nominal input voltage).
Figure 6: Thermal plot of converter at 20 amp load current (240W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from pin 3 to pin 1 (nominal input voltage).
Figure 1: Efficiency at nominal output voltage vs. load current for min-
imum, nominal, and maximum input voltage at 25°C.
Semiconductor junction temperature is
within 1°C of surface temperature


Similar Part No. - BQ50120QTA20PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NKC SYNQOR-BQ50120QTA25NKC Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NKS SYNQOR-BQ50120QTA25NKS Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NNC SYNQOR-BQ50120QTA25NNC Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NNS SYNQOR-BQ50120QTA25NNS Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
More results

Similar Description - BQ50120QTA20PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com