Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2654CN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2654CN
Description  Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2654CN Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2654CN Datasheet HTML 3Page - Texas Instruments TLC2654CN Datasheet HTML 4Page - Texas Instruments TLC2654CN Datasheet HTML 5Page - Texas Instruments TLC2654CN Datasheet HTML 6Page - Texas Instruments TLC2654CN Datasheet HTML 7Page - Texas Instruments TLC2654CN Datasheet HTML 8Page - Texas Instruments TLC2654CN Datasheet HTML 9Page - Texas Instruments TLC2654CN Datasheet HTML 10Page - Texas Instruments TLC2654CN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TLC2654, TLC2654A
Advanced LinCMOS
™ LOW-NOISE CHOPPER-STABILIZED
OPERATIONAL AMPLIFIERS
SLOS020F – NOVEMBER 1988 – REVISED JULY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD ± = ±5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2654I
TLC2654AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
5
20
4
10
µV
VIO
g
(see Note 4)
Full range
40
30
µV
αVIO
Temperature coefficient of
Full range
001
005
001
005
µV/°C
αVIO
input offset voltage
Full range
0.01
0.05
0.01
0.05
µV/°C
Input offset voltage
long-term drift (see Note 5)
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.06
0.003
0.02
µV/mo
IIO
Input offset current
25
°C
30
30
pA
IIO
Input offset current
Full range
200
200
pA
IIB
Input bias current
25
°C
50
50
pA
IIB
Input bias current
Full range
200
200
pA
VICR
Common-mode input
RS =50 Ω
Full range
–5
to
–5
to
V
VICR
voltage range
RS = 50 Ω
Full range
to
2.7
to
2.7
V
VOM
Maximum positive peak
RL =10kΩ
See Note 6
25
°C
4.7
4.8
4.7
4.8
V
VOM +
output voltage swing
RL = 10 kΩ, See Note 6
Full range
4.7
4.7
V
VOM
Maximum negative peak
RL =10kΩ
See Note 6
25
°C
– 4.7
– 4.9
– 4.7
– 4.9
V
VOM –
g
output voltage swing
RL = 10 kΩ, See Note 6
Full range
– 4.7
– 4.7
V
AVD
Large-signal differential
VO = ± 4V
RL =10kΩ
25
°C
120
155
135
155
dB
AVD
gg
voltage amplification
VO = ± 4 V,
RL = 10 kΩ
Full range
120
125
dB
Internal chopping
frequency
25
°C
10
10
kHz
Clamp on state current
RL = 100 kΩ
25
°C
25
25
µA
Clamp on-state current
RL = 100 kΩ
Full range
25
25
µA
Clamp off state current
VO =
4Vto4V
25
°C
100
100
pA
Clamp off-state current
VO = – 4 V to 4 V
Full range
100
100
pA
CMRR
Common-mode rejection
VO = 0,
VIC VICRmin
25
°C
105
125
110
125
dB
CMRR
j
ratio
VIC = VICRmin,
RS = 50 Ω
Full range
105
110
dB
kSVR
Supply voltage rejection
VDD
± = ± 2.3 V to ±8 V,
25
°C
110
125
120
125
dB
kSVR
yg
j
ratio (
∆VDD±/∆VIO)
DD
±
,
VO = 0,
RS = 50 Ω
Full range
110
120
dB
IDD
Supply current
VO =0
No load
25
°C
1.5
2.4
1.5
2.4
mA
IDD
Supply current
VO = 0,
No load
Full range
2.5
2.5
mA
† Full range is – 40
°C to 85°C
NOTES:
4. This parameter is not production tested full range. Thermocouple effects preclude measurement of the actual VIO of these devices
in high-speed automated testing. VIO is measured to a limit determined by the test equipment capability at the temperature extremes.
The test ensures that the stabilization circuitry is performing properly.
5. Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
6. Output clamp is not connected.


Similar Part No. - TLC2654CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2654CN TI1-TLC2654CN Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2654CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI1-TLC2654_16 Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X Datasheet
944Kb / 62P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com