Part Name
         Description
MPCF40

 MICROSPACE System ( 2 Page)


ADL
100% 
Zoom Out Zoom In
   
 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4328
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adlogic-pc104.com; web: www.adlogic-pc104.com
MICROSPACE System
All Data subject to change without notice
Feature
Functions
Remarks
CPU / Chipset
Intel Pentium P738
Upgrade / downgrade possible
2nd Level Cache
2048kB
CPU dependent
Equivalent Pentium4 Performance
2.8GHz
CPU dependent
Chipset
Intel 855GME
Memory
512MB
Upgrade possible
Harddisk
40GB Harddisk
Uses 2.5” format
Video Controller
855GME
Video Memory
64MB
3D-Support
DirectX9
1. Video Interface
QXGA
2. Video Interface
DVI-D
3. Video Interface
Resolution max.
2048 x 1536
@75Hz
Keyboard, Mouse
1x PS/2
Serial Interface
Parallel Interface
USB
2x V2.0
LAN Port A
1x 100/10Base-T
RJ45
LAN Port B & C
RPL/PXE Intel LAN-Boot/Wake up
yes/yes
Audio Controller
AC97-2.3
Line Output
5.1 Sound, AC3
Line Input
stereo
SPDif Output
Mic Input
stereo
PCCard
Options
yes*
*Please contact our Sales office
Power Input/Consumption
8V - 30V DC / typ. 35W
Power Supply Adapter
100/240V AC
Power Saving
Suspend/Resume, Instant On
ON/OFF
ON by Switch or Power Line, Soft Off
Conformity
CE, FCC
Protection class
IP50
Dimensions
302 x 249 x 40 mm
Case
aluminum
Color
black anodized
Weight (gr)
3.1kg
Noise
<30dB(A)
Operating Temperature Normal
+5°C to +50°C
Extended Operating Temperature
-40°C to +70°C
No optical drive, with preheat option
Vibration/Shock incl. HD/CD/DVD
1 / 10G
MTBF
60´000h
Verified Operating System
WIN2000, WIN XP, LINUX
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADT7462Flexible Temperature and Voltage Monitor and System Fan Controller 1 2 3 4 5 MoreAnalog Devices
NE56632-XXActive-LOW system reset with adjustable delay time 1 2 3 4 5 MoreNXP Semiconductors
MAS9011Solar Cell System Manager 1 2 3 4 5 MoreMicro Analog systems
NIS6111_05BERS IC Better Efficiency Rectifier System 1 2 3 4 5 MoreON Semiconductor
ASR04Worldwide Input System Compact type AC Adaptors 1 2 Mitsumi Electronics, Corp.
ISL9212BCharging System Safety Circuit 1 2 3 4 5 MoreIntersil Corporation
33742System Basis Chip SBC with Enhanced High-Speed CAN Transceiver 1 2 3 4 5 MoreFreescale Semiconductor, Inc
E7520For Intel® XeonTM Processor and Low Voltage Intel® XeonTM Processor with 800 MHz System Bus 1 2 3 4 Intel Corporation
NTE1494Integrated Circuit AM radio Receiver System 1 2 NTE Electronics
SF0044BA01382T43.7 MHz Filter for VSB system M - IF Applications 1 2 Integrated Circuit Systems

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl