Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ50120QTA20NYC Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # BQ50120QTA20NYC
Description  Quarter-brick DC Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ50120QTA20NYC Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button BQ50120QTA20NYC Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ50120QTA20NYC Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ50120QTA20NYC Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ50120QTA20NYC Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ50120QTA20NYC Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ50120QTA20NYC Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ50120QTA20NYC Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ50120QTA20NYC Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ50120QTA20NYC Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Product # BQ50120QTA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BQ512J Rev. E
03/17/06
Page 11
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
42-53 V
42-53 V
12 V
12 V
20 A
20 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
The number 800 is a “Load Current Scale Factor” for this prod-
uct, valid only for Vin = 48V. Hence, measurement should be
made at this input voltage.
The voltage drop across the sense resistor is about 25mV at full
load of 20A. Therefore, proper measuring techniques must be
used to ensure accuracy. A calibrated DMM set to 300mV is
acceptable. Since this measurement is done on the Primary area
of the converter, a slight non-linearity may be observed over the
load current range. Using the Scale Factor referenced above, the
error may be on the order of 4%. For more detailed information
consult the application note on SynQor’s website titled “Output
Load Current Calculations”.
Current Sharing: BusQor modules are designed to operate in
parallel without the use of any external current share circuitry. A
typical circuit for paralleling two BusQor modules is shown in
Figure H. An output capacitor is recommended across each mod-
ule and located close to the converter for optimum filtering and
noise control performance. Dedicated input inductors are rec-
ommended but are considered optional. Input capacitors must be
located close to the converter module. PCB layout in the input
circuit should be such that high frequency ripple currents of each
module is restricted to a loop formed by the input capacitors and
the input terminals of the BusQor module. See Figure K for
details on PCB layout. Contact SynQor application engineering
for further assistance on PCB trace design.
The current share performance of two paralleled modules is illus-
trated in the graph in Figure J. In this graph the percent devia-
tion from ideal sharing (50%) is plotted for each module versus
the total output load current at 48Vin.
Figure H: BusQor Output Paralleling for increased current output.
BusQor module
(N logic option)
Vin
12Vout
40A
1
2
3
1
2
3
5
4
5
4
BusQor module
(N logic option)
Figure J: Current share performance of 2 paralleled modules
Figure K: Recommended PCB layout for input circuit
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
10%
5
10
15
20
25
30
35
40
Total Load Current (A)
Module 1
Module 2
48Vin
CM EMI
filter
Bulk
Cap
Input LC filters
BusQor module
BusQor module
(Not shown
in Figure H)
Figure G: Location of Sense Resistors


Similar Part No. - BQ50120QTA20NYC

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NKC SYNQOR-BQ50120QTA25NKC Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NKS SYNQOR-BQ50120QTA25NKS Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NNC SYNQOR-BQ50120QTA25NNC Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25NNS SYNQOR-BQ50120QTA25NNS Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
More results

Similar Description - BQ50120QTA20NYC

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com