|
| BQ60120HEA30 |
|
||
|
SYNQOR |
|
6 page
Product # BQ60120HEA30 Phone 1-888-567-9596 Doc.# 005-2BH612M Rev. B 09/02/05 Page 6 Input: Input: Output: Output: Current: Current: PPackage: ackage: 35-75 V 35-75 V 12 V 12 V 30 A 30 A Half-brick Half-brick T Technical S echnical Specification pecification 70 75 80 85 90 95 100 0 3 6 9 12151821 242730 Load Current (A) 35 Vin 48 Vin 75 Vin Figure 1: Efficiency at nominal 12V output vs. load current for mini- mum, nominal, and maximum input voltage at 25°C. 0 2 4 6 8 10 12 14 16 18 20 22 0 3 6 9 12 15 18 21 24 27 30 Load Current (A) 35 Vin 48 Vin 75 Vin Figure 2: Power dissipation at nominal 12V output vs. load current for minimum, nominal, and maximum input voltage at 25°C. 70 75 80 85 90 95 100 0 3 6 9 12151821 242730 Load Current (A) 35 Vin 48 Vin 75 Vin Figure 3: Efficiency at trimmed-down 9.0V output vs. load current for minimum, nominal, and maximum input voltage at 25°C. 0 2 4 6 8 10 12 14 16 18 20 22 0369 12 15 18 21 24 27 30 Load Current (A) 35 Vin 48 Vin 75 Vin Figure 4: Power dissipation at trimmed-down 9.0V output vs. load cur- rent for minimum, nominal, and maximum input voltage at 25°C. 70 75 80 85 90 95 100 0369 12 15 18 21 24 27 30 Load Current (A) 35 Vin 48 Vin 75 Vin Figure 5: Efficiency at trimmed-down 6.0V output vs. load current for minimum, nominal, and maximum input voltage at 25°C. 0 2 4 6 8 10 12 14 16 18 20 22 0 3 6 9 12151821 242730 Load Current (A) 35 Vin 48 Vin 75 Vin Figure 6: Power dissipation at trimmed-down 6.0V output vs. load cur- rent for minimum, nominal, and maximum input voltage at 25°C. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| U6229B | DC/DC Converter - Power Supply 28 V | 1 2 3 4 5 More | TEMIC Semiconductors |
| AP1603 | STEP-UP DC/DC CONVERTER | 1 2 3 4 5 More | Diodes Incorporated |
| PTQA430025_0612 | 100-W 48-V INPUT ISOLATED DC/DC CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| BD6066EKN | Step-up DC/DC converter for middle size LCD panel | 1 2 3 4 5 More | Rohm |
| LTC3422 | 1.5A 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect | 1 2 3 4 5 More | Linear Technology |
| GSC2596M | 150 KHz 2A PWM Step-Down DC/DC Converter | 1 2 3 4 5 More | GTM CORPORATION |
| PT4711 | 45-W Dual-Output Isolated DC/DC Converter | 1 2 3 4 5 More | Texas Instruments |
| R5212D | Step-down DC/DC Converter with VR and Reset | 1 2 3 4 5 More | RICOH electronics devices division |
| RT8009 | 1.25MHz 600mA High Efficiency PWM Step-Down DC/DC Converter | 1 2 3 4 5 More | Richtek Technology Corporation |
| RT9266B | Tiny Package High Efficiency Step-Up DC/DC Converter | 1 2 3 4 5 More | Richtek Technology Corporation |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |