Part Name
         Description
MSEP800

 500MHz - Geode, 128K Cache ( 2 Page)


ADL
100% 
Zoom Out Zoom In
   
 2 page
background image
MICROSPACE - EPIC
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Feature Technical Specifications
FEATURES
FUNCTIONS
FUNCTIONS
COMMENTS
Item code
MSEP800
MSEP800L
CPU
Geode LX800
Geode LX800
2nd Level Cache
128kB
128kB
Performance (MHz)
500MHz
500MHz
DRAM Min-Max (MB)
128MB—1GB DDR DRAM
128MB—1GB DDR DRAM
Power Management
yes
yes
DiskOnChip Socket
CompactFlash Socket
1x type II
-
Mouse, Keyboard
Optional or USB
USB
Option CON I for PS/2
Floppy Interface
Microfloppy 26 pin
Microfloppy 26 pin
IDE Interface P-ATA
1x
1x
IDE-Interface S-ATA
-
-
COM1
RS232/422/485
RS232
COM2
RS232/422/485
RS232
COM3 (RS232 or 422)
TTL
-
CONI for RS232
COM4 (RS232 or 422)
TTL
-
CONI for RS232
LPT1
on Expansion Board
-
USB
4x V2.0(+ 2 headers)
4x V2.0(+ 2 headers)
LAN-PortA
10/100Base-T
10/100Base-T
Intel 82551ER
LAN-Port B
1GBit Ethernet
-
Intel 85241
Audio
AC97 Stereo
AC97 Stereo
Video Controller
Geode LX800
Geode LX800
Video Datapath
PCI
PCI
Video Memory
8-16 MB UMA
8-16 MB UMA
DVI Display
optional
-
Digital I/O
24Bit
-
EEPROM Support
yes
yes
Watchdog
yes
yes
Power Normal
10V-30V 10W (typ.)
10V-30V 10W (typ.)
Power Suspend
0.1W (typ.)
0.1W (typ.)
Cooling Type
passive
Passive (no heatsink)
Operating Temp.
0°C to +60°C
0°C to 60°C
Extended Temp.
-40°C to +70°C
-
Size (mm)
165x115x36
165x115x36
Weight (gr)
280gr
280gr
MTBF
>200’000h
>200’000h
Video Input
optional
-
Uses SA7111
RTC Battery
Included 410 mAh
Optional (not included)
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY7C1338128K x 32 Synchronous-Flow-Through 3.3V Cache RAM 1 2 3 4 5 MoreCypress Semiconductor
HN58X25128ISerial Peripheral Interface 128k EEPROM 16-kword × 8-bit 256k EEPROM 32-kword × 8-bit Electrically Erasable and Programmable Read Only Memory 1 2 3 4 5 MoreRenesas Technology Corp
MT5C1008LL128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER 1 2 3 4 5 MoreAustin Semiconductor
CY7C1019B_06128K x 8 Static RAM 1 2 3 4 5 MoreCypress Semiconductor
CY7C1351G4-Mbit 128K x 36 Flow-through SRAM with NoBL™ Architecture 1 2 3 4 5 MoreCypress Semiconductor
ST10F269ZX16-BIT MCU WITH MAC UNIT 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM 1 2 3 4 5 MoreSTMicroelectronics
IS63LV1024_07128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
CY14B101K_07111 Mbit 128K x 8 nvSRAM With Real Time Clock 1 2 3 4 5 MoreCypress Semiconductor
EM610FV8128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM 1 2 3 4 5 MoreEmerging Memory & Logic Solutions Inc
LC87F1HC8SACMOS IC FROM 128K byte RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl