Part Name
         Description
DQ61212QMA06

 Quarter-brick DC/DC Converter ( 15 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # DQ61212QMA06
Phone 1-888-567-9596
Doc.# 005-2DQ612E Rev. C
01/11/06
Page 6
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
PPower:
ower:
PPackage:
ackage:
35-75V
35-75V
+12V & -12V
+12V & -12V
60W
60W
Quarter-brick
Quarter-brick
11.70
11.75
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
60/0
48/12
36/24
24/36
12/48
0/60
POUT1 / POUT2 (W)
11.70
11.75
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
-12V_48Vin
+12V_48Vin
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
42/3
35/10
25/20
20/25
10/35
3/42
POUT1 / POUT2 (W)
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
-12V_48Vin
+12V_48Vin
Figure 7: Load regulation vs. load current with power fixed at full load
(60W) and load currents split as shown between -12V and +12V out-
puts, at nominal input voltage.
Figure 8: Load regulation vs. load current with power fixed at 75%
load (45W) and load currents split as shown between -12V and +12V
outputs, at nominal input voltage.
Figure 9: Load regulation vs. output power from 12W load to full load
with 75% load on -12V output and 25% load on +12V output at nomi-
nal input voltage.
Figure 10: . Load regulation vs. output power from 12W load to full
load with 25% load on -12V output and 75% load on +12V output at
nominal input voltage.
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
12.0
24.0
36.0
48.0
60.0
Total Output Power (W)
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
-12V_48Vin
+12V_48Vin
Figure 11: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 0 to 400 LFM, air flowing from pin 1 to pin
3. Full load (5A) on -12V output and no load on +12V output.
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
1224364860
Total Output Power (W)
11.80
11.85
11.90
11.95
12.00
12.05
12.10
12.15
12.20
-12V_48Vin
+12V_48Vin
Figure 12: Thermal plot of converter at 5 amp load on -12V output and
no load on +12V output with 55°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
25
40
55
70
85
Ambient Air Temperature (
oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Semiconductor junction temperature is
within 1°C of surface temperature
Input voltage has virtually no
effect on cross regulation
Input voltage has virtually no
effect on cross regulation
Input voltage has virtually no
effect on cross regulation
Input voltage has virtually no
effect on cross regulation
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
USQ20High-Density Quarter-Brick 20 Amp DC/DC Converters 1 2 3 4 5 MoreMurata Manufacturing Co., Ltd.
U6229BDC/DC Converter - Power Supply 28 V 1 2 3 4 5 MoreTEMIC Semiconductors
AP1603STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
PTQA430025_0612100-W 48-V INPUT ISOLATED DC/DC CONVERTER 1 2 3 4 5 MoreTexas Instruments
BD6066EKNStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
LTC34221.5A 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect 1 2 3 4 5 MoreLinear Technology
GSC2596M150 KHz 2A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION
PT471145-W Dual-Output Isolated DC/DC Converter 1 2 3 4 5 MoreTexas Instruments
R5212DStep-down DC/DC Converter with VR and Reset 1 2 3 4 5 MoreRICOH electronics devices division
RT80091.25MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl