Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ55090QPA40NYS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # BQ55090QPA40NYS
Description  Quarter-brick DC Bus Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090QPA40NYS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button BQ55090QPA40NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ55090QPA40NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55090QPA40NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090QPA40NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090QPA40NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090QPA40NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090QPA40NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090QPA40NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ55090QPA40NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Product # BQ55090QPA40
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BQ559K Rev. A
3/6/07
Page 6
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-55 V
35-55 V
9.6 V
9.6 V
43 A
43 A
Quarter-brick
Quarter-brick
T
Technical S
echnical Specification
pecification
0
5
10
15
20
25
30
35
40
45
25
40
55
70
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flow-
ing from output to input (nominal input voltage).
Figure 8: Thermal plot of converter at 43 amp load current (400W)
with 55°C air flowing at the rate of 200 LFM. Air is flowing across the
converter from output to input (nominal input voltage).
Figure 9: Turn-on transient at half load (resistive load) and 3mF output
capacitance (2.0ms/div). Input voltage pre-applied. Channel 1: Vout
(2V/div). Channel 2: ON/OFF input (2V/div).
Figure 10: Turn-on transient at zero load and 3mF output capacitance
(2.0ms/div). Input voltage pre-applied. Channel 1: Vout (2V/div).
Channel 2: ON/OFF input (2V/div).
Figure 11: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1A/µ s). Load cap: 15µ F, 100 m
W ESR tantalum cap
and 1µ F ceramic cap. Top trace: Vout (200mV/div), Bottom trace: Iout (10A/div).
Figure 12: Test set-up diagram showing measurement points for Input
Terminal Ripple Current (Figure 13), Input Reflected Ripple Current
(Figure 14) and Output Voltage Ripple (Figure 15).
10 µH
source
impedance
DC/DC
Converter
See Fig. 14
See Fig. 13
See Fig. 15
1 µF
ceramic
capacitor
15 µF,
450mW ESR
tantalum
capacitor
47 µF,
<1W ESR
electrolytic
capacitor
VSOURCE
i
S
i
C
VOUT


Similar Part No. - BQ55090QPA40NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090QEw60xyz-G SYNQOR-BQ55090QEw60xyz-G Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
BQ55090QTA27 SYNQOR-BQ55090QTA27 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
BQ55090QTA27NKS-G SYNQOR-BQ55090QTA27NKS-G Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
BQ55090QTA27NNS-G SYNQOR-BQ55090QTA27NNS-G Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
More results

Similar Description - BQ55090QPA40NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
   Quarter-brick DC Bus Converter
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com