Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ55120ETL16NYS Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # BQ55120ETL16NYS
Description  Eighth-brick DC Bus Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55120ETL16NYS Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button BQ55120ETL16NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55120ETL16NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55120ETL16NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55120ETL16NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55120ETL16NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55120ETL16NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ55120ETL16NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ55120ETL16NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters BQ55120ETL16NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Product # BQ55120ETL16
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BE552B Rev. A
03/16/06
Page 8
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-55 V
35-55 V
12 V
12 V
16 A
16 A (192W)
(192W)
Eighth-brick
Eighth-brick
T
Technical S
echnical Specification
pecification
-40
-30
-20
-10
0
10
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
55 Vin
Figure 19: Magnitude of incremental forward transmission (FT =
vout/vin) for minimum, nominal, and maximum input voltage at full
rated power.
-40
-30
-20
-10
0
10
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
55 Vin
Figure 20: Magnitude of incremental reverse transmission (RT =
iin/iout) for minimum, nominal, and maximum input voltage at full rated
power.
0.1
1
10
100
1000
10000
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
55 Vin
Figure 21: Magnitude of incremental input impedance (Zin = vin/iin)
for minimum, nominal, and maximum input voltage at full rated power.


Similar Part No. - BQ55120ETL16NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38xyz-G SYNQOR-BQ55120EZB38xyz-G Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results

Similar Description - BQ55120ETL16NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090ETA27 SYNQOR-BQ55090ETA27 Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
PQ60025EML15 SYNQOR-PQ60025EML15 Datasheet
528Kb / 13P
   Eighth-brick DC/DC Converter
NQ40X40EGC08 SYNQOR-NQ40X40EGC08 Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com