Part Name
         Description
DQ62412QKA02

 Quarter-brick DC/DC Converter ( 15 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
35-75V
35-75V
2.45V & 1.225V
2.45V & 1.225V
20W
20W
Quarter-brick
Quarter-brick
PRELIMINAR
PRELIMINAR
Y
Y
Product # DQ62412QKA02
Phone 1-888-567-9596
Doc.# 005-2DQ245L Rev. A
06/08/05
Page 6
1.175
1.188
1.200
1.213
1.225
1.238
1.250
1.263
1.275
16/0
12.8/1.6
9.6/3.2
6.4/4.8
3.2/6.4
0/8
IOUT1/IOUT2 (A)
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
1.225V_48Vin
2.45V_48Vin
1.175
1.188
1.200
1.213
1.225
1.238
1.250
1.263
1.275
12/0
10/1
8/2
6/3
4/4
2/5
0/6
IOUT1/IOUT2 (A)
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
1.225V_48Vin
2.45V_48Vin
Figure 7: Load regulation vs. load current with power fixed at full load
(20W) and load currents split as shown between 1.225V and 2.45V out-
puts, at nominal input voltage.
Figure 8: Load regulation vs. load current with power fixed at 75%
load (15W) and load currents split as shown between 1.225V and 2.45V
outputs, at nominal input voltage.
Figure 9: Load regulation vs. output power from 5W load to 15W with
75% load on 1.225V output and 25% load on 2.45V output at nominal
input voltage.
Figure 10: . Load regulation vs. output power from 3W load to full load
with 25% load on 1.225V output and 75% load on 2.45V output at nom-
inal input voltage.
1.175
1.188
1.200
1.213
1.225
1.238
1.250
1.263
1.275
5
7
9
11
13
15
Total Output Power (W)
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
1.225V_48Vin
2.45V_48Vin
Figure 11: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 100 to 400 LFM, air flowing from pin 3 to
pin 1. Full load (16A) on 1.225V output and no load on 2.45V output.
1.175
1.188
1.200
1.213
1.225
1.238
1.250
1.263
1.275
0
3
7
10
13
16
20
Total Output Power (W)
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
1.225V_48Vin
2.45V_48Vin
Figure 12: Thermal plot of converter at 16 amp load on 1.225V output
and no load on 2.45V output with 55°C air flowing at 200 LFM. Air
flow across the converter is from pin 3 to pin 1 (nominal input voltage)
0
2
4
6
8
10
12
14
16
18
0
2540
5570
85
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (1.0 m/s)
Semiconductor junction temperature is
within 1
°C of surface temperature
Input voltage affects cross regu-
lation by maximum of 1mV
Input voltage affects cross regu-
lation by maximum of 1mV
Input voltage affects cross regu-
lation by maximum of 1mV
Input voltage affects cross regu-
lation by maximum of 1mV
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
35-75V
35-75V
2.45V & 1.225V
2.45V & 1.225V
20W
20W
Quarter-brick
Quarter-brick
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DQ61212QMA06Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
U6229BDC/DC Converter - Power Supply 28 V 1 2 3 4 5 MoreTEMIC Semiconductors
AP1603STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
PTQA430025_0612100-W 48-V INPUT ISOLATED DC/DC CONVERTER 1 2 3 4 5 MoreTexas Instruments
BD6066EKNStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
LTC34221.5A 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect 1 2 3 4 5 MoreLinear Technology
GSC2596M150 KHz 2A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION
PT471145-W Dual-Output Isolated DC/DC Converter 1 2 3 4 5 MoreTexas Instruments
R5212DStep-down DC/DC Converter with VR and Reset 1 2 3 4 5 MoreRICOH electronics devices division
RT80091.25MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl