Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ62412QKA02NRS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # DQ62412QKA02NRS
Description  Quarter-brick DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ62412QKA02NRS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button DQ62412QKA02NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ62412QKA02NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ62412QKA02NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ62412QKA02NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ62412QKA02NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ62412QKA02NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ62412QKA02NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ62412QKA02NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ62412QKA02NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Product # DQ62412QKA02
Phone 1-888-567-9596
Doc.# 005-2DQ245L Rev. A
06/08/05
Page 7
Figure 17: Max output power derating curves vs. air temp for 100 to 400 LFM, pin 3 to
pin 1. 75% load (12A) on 1.225V output and 25% load (2A) on 2.45V output. At derating
points, 1.225V output decreases while 2.45V output remains unchanged
.
Figure 18: Thermal plot of converter at 12 amp load on 1.225V output
and 2 amp load on 2.45V output with 85°C air flowing at 200 LFM. Air
flow across the converter is from pin 3 to pin 1 (nominal input voltage).
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
35-75V
35-75V
2.45V & 1.225V
2.45V & 1.225V
20W
20W
Quarter-brick
Quarter-brick
0
1
2
3
4
5
6
7
8
9
0
2540557085
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (1.0 m/s)
Figure 13: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 100 to 400 LFM, air flowing from pin 3 to
pin 1. Full load (8A) on 2.45V output and no load on 1.225V output.
Figure 14: Thermal plot of converter at 8 amp load on 2.45V output and
no load on 1.225V output with 55°C air flowing at 200 LFM. Air flow
across the converter is from pin 3 to pin 1 (nominal input voltage)
Figure 15: Max output power-derating curves vs. air temp for 100- 400 LFM,
pin 3 to pin 1. 50% load (8A) on 1.225V output and 50% load (4A) on 2.45V
output. At derating points, 1.225V output decreases while 2.45V output remains
unchanged.
0
1
2
3
4
5
6
7
8
9
0
2540557085
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (1.0 m/s)
Figure 16: Thermal plot of converter at 8 amp load on 1.225V output
and 4 amp load on 2.45V output with 85°C air flowing at 200 LFM. Air
flow across the converter is from pin 3 to pin 1 (nominal input voltage)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0
2540
557085
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (1.0 m/s)
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - DQ62412QKA02NRS

ManufacturerPart #DatasheetDescription
logo
Danisense A/S
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DQ600ID-P1300 DANISENSE-DQ600ID-P1300 Datasheet
451Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1300A
2022-11-24
logo
SynQor Worldwide Headqu...
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ61212QMA06NKS SYNQOR-DQ61212QMA06NKS Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ61212QMA06NNS SYNQOR-DQ61212QMA06NNS Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
More results

Similar Description - DQ62412QKA02NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com