Part Name
         Description
DQ63318QGL08

 Dual Output, High Efficiency, Isolated DC/DC Converter ( 14 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # DQ63318QGL08
Phone 1-888-567-9596
Doc.# 005-2DQ638D Rev. B
10/7/03
Page 6
Performance Curves
48Vin 3.3/1.8Vout 77W
Quarter
Quarter
Brick Dual
Brick Dual
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
01
2345
678
9
10 11 12 13 14 15
3.3V, Iout (A)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 7: Maximum output power derating curves at 55°C vs. airflow
rates of 100 through 400 LFM. Curve shows available current for 1.8V
rail on y axis and available current for 3.3V rail on x axis. (nom. Vin)
Figure 8: Thermal plot of converter at 15A load on 1.8V ouput and 15A
load on 3.3V output with 55°C air flowing at 200 LFM. Air flow across
the converter is from pin 1 to pin 3 (nominal input voltage).
Figure 9: Maximum output power derating curves at 70°C vs. airflow
rates of 100 through 400 LFM. Curve shows available current for 1.8V
rail on y axis and available current for 3.3V rail on x axis. (nom. Vin)
Figure 10: . Thermal plot of converter at 15A load on 1.8V ouput and
12.5A load on 3.3V output with 70°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage).
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
012
3456
789
10 11 12 13 14 15
3.3V, Iout (A)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 11: Maximum output power derating curves at 85°C vs. airflow
rates of 100 through 400 LFM. Curve shows available current for 1.8V
rail on y axis and available current for 3.3V rail on x axis. (nom. Vin)
Figure 12: Thermal plot of converter at 13A load on 1.8V ouput and
10A load on 3.3V output with 85°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage).
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0123
456789
10 11 12 13 14 15
3.3V, Iout (A)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DQ63312QGL07Dual Output High Efficiency Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ63315QGL07Dual Output High Efficiency Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
LM3668_081A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
KB3511High Efficiency Low Noise Fast Transient Dual 800mA 2.2MHz Step-Down DC/DC Converter 1 2 3 4 5 MoreKingbor Technology Co
LM3668_08091A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
LM36681A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
RT80091.25MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
RT9266BTiny Package High Efficiency Step-Up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
LANK10W2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter 1 2 3 4 5 MoreWall Industries,Inc.
KDC_NTAIsolated 1W Dual Output SM DC/DC Converters 1 2 3 4 Murata Manufacturing Co., Ltd.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl