Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ1000IU12UCIND Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # AQ1000IU12UCIND
Description  Industrial Grade AC/DC Power Supply With PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ1000IU12UCIND Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button AQ1000IU12UCIND Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ1000IU12UCIND Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ1000IU12UCIND Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ1000IU12UCIND Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ1000IU12UCIND Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ1000IU12UCIND Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ1000IU12UCIND Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ1000IU12UCIND Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ1000IU12UCIND Datasheet HTML 11Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AC Input:
DC Output:
Power:
Grade:
85-264 VRMS
12/24/36/48V Semi-reg.
500 W Series
Industrial
Technical Specification
Product # AQ0500IUxx Series
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005054 Rev. 1
09/04/08
Page 7
PRELIMINARY
MECHANICAL DRAWINGS (1 Module Open Frame Version — E Package Type)
NOTES (applies to all mechanicals)
1)Recommendedscrewtighteningtorqueof6in.lbs
2)Undimensionedcomponentsareshownforvisualreferenceonly
3)Alldimensionsininches[mm]
Tolerances: x.xxin±0.02
x.xxxin±0.010
Bottom
Top
Front
Back
Right
MECHANICAL DRAWINGS (2 Modules Flat Version — R Package Type)
MECHANICAL DRAWINGS (3 Modules Flat Version — T Package Type)
Bottom
Top
Front
Back
Right
MECHANICAL DRAWINGS (3 Modules Stacked Version — U Package Type)
MECHANICAL DRAWINGS (2 Modules Stacked Version — S Package Type)
MECHANICAL DRAWINGS (1 Module Encased Version — E Package Type)


Similar Part No. - AQ1000IU12UCIND

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
   AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
AQ1003-01ETG LITTELFUSE-AQ1003-01ETG Datasheet
781Kb / 5P
   General Purpose ESD Protection
2021 Littelfuse, Inc.
AQ1003-01LTG LITTELFUSE-AQ1003-01LTG Datasheet
933Kb / 5P
   AQ1003-01LTG, 30pF 30kV Unidirectional Discrete TVS
2019 Littelfuse, Inc
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
   AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
AQ1005-01ETG LITTELFUSE-AQ1005-01ETG Datasheet
631Kb / 4P
   AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
More results

Similar Description - AQ1000IU12UCIND

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400IU2TEAIND SYNQOR-AQ0400IU2TEAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ0400IU24EAIND SYNQOR-AQ0400IU24EAIND Datasheet
2Mb / 13P
   Industrial Grade AC/DC Power Supply With PFC
AQ1500IU1TTQIND SYNQOR-AQ1500IU1TTQIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0500MU12EQCFD SYNQOR-AQ0500MU12EQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU12EACFD SYNQOR-AQ0400MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0300MU2TEACFD SYNQOR-AQ0300MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ0400MU2TEACFD SYNQOR-AQ0400MU2TEACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
AQ1500MU1TTQCFD SYNQOR-AQ1500MU1TTQCFD Datasheet
2Mb / 11P
   Medical Grade AC/DC Power Supply With PFC
logo
CINCON ELECTRONICS Corp...
CFM150S CINCON-CFM150S Datasheet
504Kb / 2P
   AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com