Part Name
         Description
DQ63318QMA04

 Dual Output, High Efficiency, Isolated DC/DC Converter ( 15 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # DQ63318QMA04
Phone 1-888-567-9596
Doc.# 005-2DQ638H Rev. A
1/10/03
Page 6
Performance Curves
48Vin 3.3/1.8Vout 40W
Quarter
Quarter
Brick Dual
Brick Dual
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
IOUT1 / IOUT2 (A)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
1.8V_48Vin
3.3V_48Vin
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
13.3/0
11/1.3
9/2.4
7/3.5
5/4.5
3/5.6
1/6.7
0/7.3
IOUT1 / IOUT2 (A)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
1.8V_48Vin
3.3V_48Vin
Figure 7: Load regulation vs. load current with power fixed at full load
(40W) and load currents split as shown between 1.8V and 3.3V outputs,
at nominal input voltage.
Figure 8: Load regulation vs. load current with power fixed at 60%
load (24W) and load currents split as shown between 1.8V and 3.3V
outputs, at nominal input voltage.
Figure 9: Load regulation vs. output power from 5W load to full load
with 75% load on 1.8V output and 25% load on 3.3V output at nominal
input voltage.
Figure 10: . Load regulation vs. output power from 4.4W load to full
load with 25% load on 1.8V output and 75% load on 3.3V output at
nominal input voltage.
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
Total Output Power (W)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
1.8V_48Vin
3.3V_48Vin
Figure 11: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 to 400 LFM, air flowing from pin 1 to pin
3. Full load (22A) on 1.8V output and no load on 3.3V output.
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
4.4
9
13.3
17.7
22
26.5
31
35
40
Total Output Power (W)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
1.8V_48Vin
3.3V_48Vin
Figure 12: Thermal plot of converter at 22 amp load on 1.8V ouput and
no load on 3.3V output with 55°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage)
0
2
4
6
8
10
12
14
16
18
20
22
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Semiconductor junction temperature is
within 1
°C of surface temperature
Input voltage effects cross regu-
lation by maximum of 9mV
Input voltage effects cross regu-
lation by maximum of 2mV
Input voltage effects cross regu-
lation by maximum of 2mV
Input voltage effects cross regu-
lation by maximum of 2mV
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DQ63312QGL07Dual Output High Efficiency Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ63315QGL07Dual Output High Efficiency Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ63318QGL08Dual Output High Efficiency Isolated DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
LM3668_081A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
KB3511High Efficiency Low Noise Fast Transient Dual 800mA 2.2MHz Step-Down DC/DC Converter 1 2 3 4 5 MoreKingbor Technology Co
LM3668_08091A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
LM36681A High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter Coming SoonNational Semiconductor
MSLU3001W High Isolation SMD Single & Dual Output DC/DC Converters 1 2 3 4 5 MoreMinmax Technology Co., Ltd.
RT80091.25MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
RT9266BTiny Package High Efficiency Step-Up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl