Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ63318QMA04 Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # DQ63318QMA04
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ63318QMA04 Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button DQ63318QMA04 Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 12Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 13Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product # DQ63318QMA04
Phone 1-888-567-9596
Doc.# 005-2DQ638H Rev. A
1/10/03
Page 10
Performance Curves
48Vin 3.3/1.8Vout 40W
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 34: Forward Transmission (FT2 = Vout2/Vin) for minimum,
nominal, and maximum input voltage at full rated power, for 3.3V out-
put.
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 35: Reverse Transmission (RT1 = Iin/Iout1) for minimum, nomi-
nal, and maximum input voltage at full rated power, for 1.8V output.
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 36: Reverse Transmission (RT2 = Iin/Iout2) for minimum, nomi-
nal, and maximum input voltage at full rated power, for 3.3V output.
Quarter
Quarter
Brick Dual
Brick Dual
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 31: Output impedance (Zout1 = Vout1/Iout1) for minimum,
nominal, and maximum input voltage at full rated power, for 1.8V out-
put.
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 32: Output impedance (Zout2 = Vout2/Iout2) for minimum,
nominal, and maximum input voltage at full rated power, for 3.3V out-
put.
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 33: Forward Transmission (FT1 = Vout1/Vin) for minimum,
nominal, and maximum input voltage at full rated power, for 1.8V out-
put.


Similar Part No. - DQ63318QMA04

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKS SYNQOR-DQ63318QGL08NKS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKT SYNQOR-DQ63318QGL08NKT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNS SYNQOR-DQ63318QGL08NNS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNT SYNQOR-DQ63318QGL08NNT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ63318QMA04

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com