Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ63318QGL08PRS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # DQ63318QGL08PRS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ63318QGL08PRS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button DQ63318QGL08PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ63318QGL08PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ63318QGL08PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ63318QGL08PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ63318QGL08PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ63318QGL08PRS Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ63318QGL08PRS Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ63318QGL08PRS Datasheet HTML 12Page - SynQor Worldwide Headquarters DQ63318QGL08PRS Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Product # DQ63318QGL08
Phone 1-888-567-9596
Doc.# 005-2DQ638D Rev. B
10/7/03
Page 9
Performance Curves
48Vin 3.3/1.8Vout 77W
-110
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 28: Forward Transmission (FT2 = Vout2/Vin) for minimum,
nominal, and maximum input voltage at full rated power, for 3.3V out-
put.
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 29: Reverse Transmission (RT1 = Iin/Iout1) for minimum, nomi-
nal, and maximum input voltage at full rated power, for 1.8V output.
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 30: Reverse Transmission (RT2 = Iin/Iout2) for minimum, nomi-
nal, and maximum input voltage at full rated power, for 3.3V output.
Quarter
Quarter
Brick Dual
Brick Dual
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 25: Output impedance (Zout1 = Vout1/Iout1) for minimum,
nominal, and maximum input voltage at full rated power, for 1.8V out-
put.
0.001
0.01
0.1
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 26: Output impedance (Zout2 = Vout2/Iout2) for minimum,
nominal, and maximum input voltage at full rated power, for 3.3V out-
put.
-110
-100
-90
-80
-70
-60
-50
-40
-30
10
100
1,000
10,000
100,000
Hz
35 Vin
48 Vin
75 Vin
Figure 27: Forward Transmission (FT1 = Vout1/Vin) for minimum,
nominal, and maximum input voltage at full rated power, for 1.8V out-
put.


Similar Part No. - DQ63318QGL08PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04NKS SYNQOR-DQ63318QMA04NKS Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04NNS SYNQOR-DQ63318QMA04NNS Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04NRS SYNQOR-DQ63318QMA04NRS Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04NYS SYNQOR-DQ63318QMA04NYS Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ63318QGL08PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com