Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ63318QMA04NYS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # DQ63318QMA04NYS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ63318QMA04NYS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  DQ63318QMA04NYS Datasheet HTML 1Page - SynQor Worldwide Headquarters DQ63318QMA04NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters DQ63318QMA04NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ63318QMA04NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ63318QMA04NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ63318QMA04NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ63318QMA04NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ63318QMA04NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ63318QMA04NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Product # DQ63318QMA04
Phone 1-888-567-9596
Doc.# 005-2DQ638H Rev. A
1/10/03
Page 3
Technical Specification
48Vin 3.3/1.8Vout 40W
Quarter
Quarter
Brick Dual
Brick Dual
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
continuous
Operating
80
V
continuous
Operating Transient Protection
100
V
100ms transient
Isolation Voltage (input to output)
2000
V
Basic level, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32
33
34
V
Turn-Off Voltage Threshold
28.5
29.5
30.5
V
Lockout Hysteresis Voltage
2.5
3.5
4.5
V
Maximum Input Current
1.7
A
100% Load, 35 Vin
No-Load Input Current
40
mA
Disabled Input Current
2.0
mA
Inrush Current Transient Rating
0.01
A2s
Response to Input Transient
150
mV
1000V/ms input transient
Input Reflected-Ripple Current
20
mA
RMS thru 10µH inductor; Figs. 23 & 25
Recommended Input Fuse
20
A
fast blow external fuse recommended
Input Filter Component Values (C\L)
2.0\4.7
µF\µH
internal values, see Figure E
Recommended External Input Capacitance
33
47
µF
see Figure 23
OUTPUT CHARACTERISTICS
Output Voltage Set Point (1.8V)
1.78
V
48Vin, 50% load on each voltage
Output Voltage Set Point (3.3V)
3.30
V
48Vin, 50% load on each voltage
Total Output Voltage Regulation (1.8V)
1.70
1.90
V
cross regulation, line, load, temp; Figs 7-10
Total Output Voltage Regulation (3.3V)
3.20
3.40
V
cross regulation, line, load, temp; Figs 7-10
Output Voltage Ripple and Noise (1.8V & 3.3V)
20MHz bandwidth; Fig. 23 & 26
Peak-to-Peak
50
100
mV
Full Load, see Figures 23 & 26
RMS
10
20
mV
Full Load, see Figures 23 & 26
Operating Output Current Range (1.8V)
0
22
A
Operating Output Current Range (3.3V)
0
12
A
Output DC Current-Limit Inception (1.8V)
27.0
A
Output Voltage 10% Low; Figs. 27-28
Output DC Current-Limit Inception (3.3V)
13.5
A
Output Voltage 10% Low; Figs. 27-28
Short-Circuit Protection - redundant shutdown (1.8V)
48
A
Figures 29-30
Short-Circuit Protection - redundant shutdown (3.3V)
28
A
Figures 29-30
Output DC Current-Limit Shutdown Voltage (1.8\3.3V)
0.95\1.98
V
Back-Drive Current Limit while Enabled (1.8V only)
1.3
A
Max negative current drawn from output
Back-Drive Current Limit while Disabled (1.8V only)
0.01
A
Max negative current drawn from output
Maximum Output Capacitance (1.8V) - 50/50 split
50,000
µF
40W load; 5% overshoot at Vout at startup
Maximum Output Capacitance (3.3V) - 50/50 split
35,000
µF
40W load; 5% overshoot at Vout at startup
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection (1.8\3.3V)
65\60
dB
120 Hz; Figs. 33-34
Output Voltage during Load Current Transient
Step Change in 1.8V Output Current (.1A/µs)
200
mV
50% to 75% to 50% Iout max; Figure 21
Step Change in 3.3V Output Current (.1A/µs)
200
mV
50% to 75% to 50% Iout max; Figure 22
Settling Time
3
ms
to within 1% Vout nom
Turn-On Transient
Turn-On Time
4
8
ms
Full load, Vout=90% nom.; Figs. 19 & 20
Start-Up Inhibit Time
180
200
215
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
5
%
10mF load capacitance, Iout = 0A
EFFICIENCY
100% Load
83
%
48Vin, 50% load each Vout; Figures 1 - 6
50% Load
83
%
48Vin, 50% load each Vout; Figures 1 - 6
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
110
°C
See Figures 11 - 18 for derating curves
ISOLATION CHARACTERISTICS
Isolation Voltage
2000
V
Isolation Resistance
10
M
Isolation Capacitance
470
pF
DQ63318QMA04 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.


Similar Part No. - DQ63318QMA04NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKS SYNQOR-DQ63318QGL08NKS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKT SYNQOR-DQ63318QGL08NKT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNS SYNQOR-DQ63318QGL08NNS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNT SYNQOR-DQ63318QGL08NNT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ63318QMA04NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com