Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQ63318QGL08NRT Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # DQ63318QGL08NRT
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ63318QGL08NRT Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

Back Button DQ63318QGL08NRT Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ63318QGL08NRT Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ63318QGL08NRT Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ63318QGL08NRT Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ63318QGL08NRT Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ63318QGL08NRT Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ63318QGL08NRT Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ63318QGL08NRT Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ63318QGL08NRT Datasheet HTML 12Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Product # DQ63318QGL08
Phone 1-888-567-9596
Doc.# 005-2DQ638D Rev. B
10/7/03
Page 8
Performance Curves
48Vin 3.3/1.8Vout 77W
Quarter
Quarter
Brick Dual
Brick Dual
Figure 23: Load current for 1.8V output (20A/div) as a function of time
when the converter attempts to turn on into a 10 m
Ω short circuit.
Bottom trace is an expansion of the on-time portion of the top trace.
Figure 24: Load current for 3.3V output (20A/div) as a function of time
when the converter attempts to turn on into a 10 m
Ω short circuit.
Bottom trace is an expansion of the on-time portion of the top trace.
Figure 19: Input Reflected Ripple Current, is, through a 10 µH source
inductor at nominal input voltage and rated load current (5 mA/div).
1.8V and 3.3V outputs at full rated load current. (see Fig. 17)
Figure 20: Output Voltage Ripple at nominal input voltage and rated
load current on both outputs (20 mV/div). Load capacitance: 1µF
ceramic & 15µF tantalum. Bandwidth: 20 MHz. (see Fig. 17)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
Load Current (A)
35 V
48 V
75 V
Figure 21: Output voltage vs. load current showing typical current limit
curves and converter shutdown points for the 1.8V output. 3.3V load is
at 0A.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
Load Current (A)
35 V
48 V
75 V
Figure 22: Output voltage vs. load current showing typical current limit
curves and converter shutdown points for the 3.3V output. 1.8V load is
at 0A.
1.8Vout
3.3Vout


Similar Part No. - DQ63318QGL08NRT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04NKS SYNQOR-DQ63318QMA04NKS Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04NNS SYNQOR-DQ63318QMA04NNS Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04NRS SYNQOR-DQ63318QMA04NRS Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04NYS SYNQOR-DQ63318QMA04NYS Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ63318QGL08NRT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com