Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ60120HEA30NYS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # BQ60120HEA30NYS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ60120HEA30NYS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  BQ60120HEA30NYS Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ60120HEA30NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ60120HEA30NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ60120HEA30NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ60120HEA30NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ60120HEA30NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ60120HEA30NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ60120HEA30NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ60120HEA30NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Product # BQ60120HEA30
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2BH612M Rev. B
09/02/05
Page 4
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
12 V
12 V
30 A
30 A
Half-brick
Half-brick
T
Technical S
echnical Specification
pecification
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage (input to output)
2250
V
Basic insulation level, Pollution degree 2
Operating Temperature
-40
100
°C
See Figures 7 - 10 for derating
Storage Temperature
-55
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
31.5
33.5
34.4
V
Turn-Off Voltage Threshold
29.5
30.5
32.4
V
Lockout Voltage Hysteresis
3.0
V
Maximum Input Current
11.6
A
100% Load, 35 Vin, trimmed up 5%
No-Load Input Current
140
180
mA
Disabled Input Current
30
50
mA
Input Reflected Ripple Current
20
40
mA
RMS thru inductor; Figures 15 & 17
Input Terminal Ripple Current
130
mA
RMS; Figures 15 & 16
Recommended Input Fuse
20
A
Fast blow external fuse recommended
Input Filter Component Values (C1\L\C2)
0\1.0\5.0
µF\µH\µF Internal values; see Figure D
Output Filter Component Values (Lout\Cout)
100\90
nH\µF
Internal values; see Figure D
Recommended External Input Capacitance
100
100
µF
Typical ESR 0.2
; see Figure 15
Recommended External Input Capacitor ESR
1
0.04
0.2
1.5
100kHz, -40
°C to 100°C
OUTPUT CHARACTERISTICS
Output Voltage Set Point
11.88
12.00
12.12
V
Output Voltage Regulation
Over Line
+0.05 \ 6 +0.1 \ 12
%\mV
Over Load
+0.1 \ 12 +0.2 \ 24
%\mV
Over Temperature
+45
+90
mV
Total Output Voltage Range
11.75
12.33
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise
44µF local ceramic, Figures 15 & 18
Peak-to-Peak
60
120
mV
Full Load; Figures 15 & 18
RMS
20
40
mV
Full Load; Figures 15 & 18
Operating Output Current Range
0
30
A
Subject to thermal derating; Figures 7 - 10
Output DC Current-Limit Inception
34
37
40
A
Output Voltage 10% Low; Figure 19
Back-Drive Current Limit while Enabled
0.8
1.8
3.2
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
0.3
0.6
A
Negative current drawn from output
Maximum Output Capacitance
>10,000
µF
12Vout at 30A resistive load
Start-up Output Voltage Overshoot (with max. cap.)
0
%
10,000µF, Iout=30A resistive load
Recommended External Output Capacitance
44
µF
Local ceramic
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
80
dB
120 Hz; Figure 22
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
300
mV
50% to 75% to 50% Iout max; Figure 13
For a Step Change in Output Current (5A/µs)
500
mV
50% to 75% to 50% Iout max; Figure 14
Settling Time
100
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
8
14
20
ms
Full load, Vout=90% nom.; Figures 11 & 12
Start-Up Inhibit Period
2
3
4
ms
EFFICIENCY
100% Load
95
%
Figures 1 - 6
50% Load
95
%
Figures 1 - 6
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 7 - 10 for derating curves
Maximum Baseplate Temperature Limit
100
°C
Applies to BQ60120HEB30 only
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2250
V
Isolation Resistance
30
M
Isolation Capacitance
1000
pF
1. Electrolytic capacitor ESR tends to increase dramatically at low temperature.
BQ60120HEA30 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient tem-
perature with appropriate power derating. Specifications subject to change without notice.


Similar Part No. - BQ60120HEA30NYS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
BQ6400RGZR TI-BQ6400RGZR Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
BQ6400RGZT TI-BQ6400RGZT Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
More results

Similar Description - BQ60120HEA30NYS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com