Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-IDO-16 Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # USB-IDO-16
Description  Enclosure, module and screw terminal board
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

USB-IDO-16 Datasheet(HTML) 3 Page - ADL Embedded Solutions

  USB-IDO-16 Datasheet HTML 1Page - ADL Embedded Solutions USB-IDO-16 Datasheet HTML 2Page - ADL Embedded Solutions USB-IDO-16 Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC/104 - USB I/O Modules
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Specifications
Isolated Inputs
Number: Sixteen
Type: Non-polarized, optically isolated from each other and from the com-
puter (CMOS compatible)
Voltage: 3 to 31 DC or AC RMS (40 to 10000 Hz)
Isolation: 500V* (see manual) channel-to-ground and channel-to-channel
Resistence: 1.8K ohms in series with opto-coupler
Filter Response: Rise Time = 4.7 mS / Fall Time = 4.7 mS
Non-Filter Response: Rise Time = 10 uS / Fall Time = 30 uS
Isolated FET Outputs
Number: Sixteen Solid State FETs
Output Type: High Side Power MOSFET Switch. Protected against short
circuit, over-temperature, ESD, and can drive inductive loads.
Voltage Range: (customer supplied) 5-34VDC recommended for continu-
ous use, 40VDC absolute max.
Current Rating: 2A maximum
Turn-on time: 90uS (typical)
Turn-off time:110uS (typical)
Bus Type
Universal Serial Bus: USB 2.0 high-speed, USB 1.1 full-speed compatible
Ordering Information
USB-IDIO-16
Enclosure, module and screw terminal board
USB-IDO-16
16 isolated FET solid state outputs only version
USB-IDIO-8
8 isolated digital inputs and 8 isolated FET solid state
outputs version
Accessories
USB-STB-84
Internal plug in screw termination board
MP104-DIN
DIN rail mounting provision
Options
-OEM
Board Only version (no enclosure or screw terminal
board)
-E
Economy model (no screw terminal board)
-P
External power and AC/DC adapter
Block Diagram
Environmental
Operating Temperature Range: 0° to 70°C
Storage Temperature Range: -40° to +85°C
Humidity: Maximum 90% RH, without condensation
Board Dimension: 3.550 x 3.775 inches
Box Dimension: 4.00 x 4.00 x 1.4 inches
Power
+5VDC provided via USB bus cable up to 500mA**
+5V @ 35mA typical (all FETs off, add 5mA per FET)
+5V @ 115mA typical (all FETs ON)
**Optional on-board external power circuitry and AC/DC adapter can be or-
dered (“-P” option) if current use is expected to be greater than what can be
supplied by the USB bus. Please check to see how much current your USB
port can supply and how much current you anticipate using.
Regulatory Compliance
This product is designed to be in full compliance with CE requirements.


Similar Part No. - USB-IDO-16

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
USB-IIRO-4DB ADL-USB-IIRO-4DB Datasheet
640Kb / 4P
   Enclosure and multifunction module
USB-IIRO4-2SM ADL-USB-IIRO4-2SM Datasheet
640Kb / 4P
   Enclosure and multifunction module
logo
Coolgear Inc.
USB-ISO-M COOLGEAR-USB-ISO-M Datasheet
247Kb / 1P
   Basic Measurements Port Detailed Mounting Holes
5/14/2021
More results

Similar Description - USB-IDO-16

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
USB-CTR-15 ADL-USB-CTR-15 Datasheet
216Kb / 3P
   Enclosure, module and screw terminal board
USB-DA12-8A ADL-USB-DA12-8A Datasheet
815Kb / 3P
   Enclosure, module and screw terminal board
USB-DA12-8E ADL-USB-DA12-8E Datasheet
596Kb / 3P
   Enclosure, module and screw terminal board
USB-DIO-32 ADL-USB-DIO-32 Datasheet
216Kb / 3P
   Enclosure, module and screw terminal board
USB-IIRO4-2SM ADL-USB-IIRO4-2SM Datasheet
640Kb / 4P
   Enclosure and multifunction module
logo
Advantech Co., Ltd.
PCLD-780 ADVANTECH-PCLD-780 Datasheet
566Kb / 1P
   Screw Terminal Board with Flat Cables
logo
HARTING Technology Grou...
09-14-001-4651 HARTING-09-14-001-4651 Datasheet
455Kb / 2P
   Han USB module, male screw terminal
logo
List of Unclassifed Man...
SK-1013 ETC2-SK-1013 Datasheet
160Kb / 1P
   PC BOARD AND SCREW MOUNTING
logo
Littelfuse
3AG LITTELFUSE-3AG_1 Datasheet
661Kb / 4P
   Fuse Blocks and Clips Screw Terminal
logo
Cornell Dubilier Electr...
125565-06 CDE-125565-06_18 Datasheet
1Mb / 3P
   Screw Terminal Mounting Hardware and Accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com