|
| ADF4150 |
|
||
|
AD |
|
6 page
ADF4150 Rev. 0 | Page 6 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating AV DD to GND −0.3 V to +3.9 V AV DD to DVDD −0.3 V to +0.3 V V P to AVDD −0.3 V to +5.8 V Digital I/O Voltage to GND1 −0.3 V to V DD + 0.3 V Analog I/O Voltage to GND1 −0.3 V to V DD + 0.3 V REF IN to GND −0.3 V to V DD + 0.3 V Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +125°C Maximum Junction Temperature 150°C LFCSP θ JA Thermal Impedance (Paddle-Soldered) 27.3°C/W Reflow Soldering Peak Temperature 260°C Time at Peak Temperature 40 sec 1 GND = AGND = DGND = 0 V. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. TRANSISTOR COUNT 23380 (CMOS) and 809 (bipolar) ESD CAUTION |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC145202 | Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| MB15F74UV_04 | Dual Serial Input PLL Frequency Synthesizer | 1 2 3 4 5 More | Fujitsu Component Limited. |
| CPLL58-3900-4300 | RF PLL Synthesizer | 1 2 3 4 5 More | CRYSTEK CORPORATION |
| MC145106 | PLL FREQUENCY SYNTHESIZER CMOS | 1 2 3 4 5 More | Motorola, Inc |
| UPB1007K | 3 V DUAL DOWNCONVERTER AND PLL FREQUENCY SYNTHESIZER | 1 2 3 4 5 More | California Eastern Labs |
| MB15F63UL | Dual Serial Input PLL Frequency Synthesizer | 1 2 3 4 5 More | Fujitsu Component Limited. |
| ML12202 | MECL PLL Components Serial Input PLL Frequency Synthesizer | 1 2 3 4 5 More | LANSDALE Semiconductor Inc. |
| MC145170-2 | PLL Frequency Synthesizer with Serial Interface | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| CPLL58-4160-4380 | RF PLL Synthesizer | 1 2 3 4 5 More | CRYSTEK CORPORATION |
| ADF4113HV | High Voltage Charge Pump PLL Synthesizer | 1 2 3 4 5 More | Analog Devices |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |