|
| B48611A5903Q012 |
|
||
|
EPCOS |
|
4 page
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incum- bent on the customer to check and decide whether an EPCOS product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic compon- ents or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applica- tions requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as “hazardous”). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an or- der. We also reserve the right to discontinue production and delivery of products. Con- sequently, we cannot guarantee that all products named in this publication will always be available. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the “General Terms of Delivery for Products and Services in the Electrical In- dustry” published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SilverCap, SIFI, SIMID, SIKOREL, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. Important Notes Page 4 of 4 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NT804-013 | High Speed LAN Filter Module | 1 | Datatronic Distribution, Inc. |
| SKY77163 | AutoSmart PA Module for CDMA / AMPS 824-849 MHz | 1 2 | Skyworks Solutions Inc. |
| SKY77340 | PA Module for Quad-Band GSM / EDGE | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| EM2009-E3GM | LambdaDriver E3/DS3 TDM Muxponder Module EM2009-E3GM/DSGM | 1 2 | MRV Communications, Inc. |
| LVD12 | Low Volt Disconnect Module | 1 | XP Power Limited |
| AC-204AYILY-70-A | SPECIFICATIONS FOR LCD MODULE | 1 2 3 4 5 More | ZETTLER Electronics |
| EDP-S-30B-L-SSCN | ELED Pigtailed Module | 1 2 3 | Source Photonics, Inc. |
| C-13-15-D02-B-SSCL | 1310nm Emitting DFB 1550nm Receiving PIN-TIA 3.3V Bi-directional Diplexer Optical Module | 1 2 3 4 | Source Photonics, Inc. |
| AND104A261G-4HB | 10.4” VGA Color TFT LCD Module | 1 2 3 4 5 | Purdy Electronics Corporation |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |