Part Name
         Description
DQ65033QKA04

 Quarter-brick DC/DC Converter ( 15 Page)


SYNQOR
100% 
Zoom Out Zoom In
 6 page
background image
Product # DQ65033QKA04
Phone 1-888-567-9596
Doc.# 005-2DQ653L Rev. B
11/11/04
Page 6
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
Current:
Current:
P
Package:
ackage:
35-75V
35-75V
5.0V & 3.3V
5.0V & 3.3V
40W
40W
Quarter-brick
Quarter-brick
3.2
3.225
3.25
3.275
3.3
3.325
3.35
3.375
3.4
12/0
10.5/1
9/2
7.5/3
6/4
4.5/5
3/6
1.5/7
0/8
IOUT1 / IOUT2 (A)
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
3.3V_48Vin
5.0V_48Vin
3.225
3.25
3.275
3.3
3.325
3.35
3.375
9.1/0
7.5/1
6.1/2
4.5/3
3/4
1.5/5
0/6
IOUT1 / IOUT2 (A)
4.85
4.90
4.95
5.00
5.05
5.10
5.15
3.3V_48Vin
5.0V_48Vin
Figure 7: Load regulation vs. load current with power fixed at full load
(40W) and load currents split as shown between 3.3V and 5.0V outputs,
at nominal input voltage.
Figure 8: Load regulation vs. load current with power fixed at 75%
load (30W) and load currents split as shown between 3.3V and 5.0V
outputs, at nominal input voltage.
Figure 9: Load regulation vs. output power from 10W load to 30W with
75% load on 3.3V output and 25% load on 5.0V output at nominal input
voltage.
Figure 10: . Load regulation vs. output power from 3W load to full load
with 25% load on 3.3V output and 75% load on 5.0V output at nominal
input voltage.
3.25
3.275
3.3
3.325
3.35
10
15
20
25
30
Total Output Power (W)
4.9
4.95
5
5.05
5.1
3.3V_48Vin
5.0V_48Vin
Figure 11: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 to 400 LFM, air flowing from pin 3 to pin
1. Full load (12.1A) on 3.3V output and no load on 5.0V output.
3.2
3.225
3.25
3.275
3.3
3.325
3.35
3.375
3.4
3
7
10
13
17
20
23
27
30
33
37
40
Total Output Power (W)
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
3.3V_48Vin
5.0V_48Vin
Figure 12: Thermal plot of converter at 12.1 amp load on 3.3V ouput
and no load on 5.0V output with 55°C air flowing at 200 LFM. Air flow
across the converter is from pin 3 to pin 1 (nominal input voltage)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Semiconductor junction temperature is
within 1
°C of surface temperature
Input voltage effects cross regu-
lation by maximum of 1mV
Input voltage effects cross regu-
lation by maximum of 1mV
Input voltage effects cross regu-
lation by maximum of 1mV
Input voltage effects cross regu-
lation by maximum of 1mV
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DQ61212QMA06Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
DQ62412QKA02Quarter-brick DC/DC Converter 1 2 3 4 5 MoreSynQor Worldwide Headquarters
U6229BDC/DC Converter - Power Supply 28 V 1 2 3 4 5 MoreTEMIC Semiconductors
AP1603STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
PTQA430025_0612100-W 48-V INPUT ISOLATED DC/DC CONVERTER 1 2 3 4 5 MoreTexas Instruments
BD6066EKNStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
LTC34221.5A 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect 1 2 3 4 5 MoreLinear Technology
GSC2596M150 KHz 2A PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreGTM CORPORATION
PT471145-W Dual-Output Isolated DC/DC Converter 1 2 3 4 5 MoreTexas Instruments
R5212DStep-down DC/DC Converter with VR and Reset 1 2 3 4 5 MoreRICOH electronics devices division

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl